Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7253A Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT7253A
Description  3A, 17V, 340kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7253A Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT7253A Datasheet HTML 1Page - Richtek Technology Corporation RT7253A Datasheet HTML 2Page - Richtek Technology Corporation RT7253A Datasheet HTML 3Page - Richtek Technology Corporation RT7253A Datasheet HTML 4Page - Richtek Technology Corporation RT7253A Datasheet HTML 5Page - Richtek Technology Corporation RT7253A Datasheet HTML 6Page - Richtek Technology Corporation RT7253A Datasheet HTML 7Page - Richtek Technology Corporation RT7253A Datasheet HTML 8Page - Richtek Technology Corporation RT7253A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT7253A
4
DS7253A-02 March 2011
www.richtek.com
Electrical Characteristics
(VIN = 12V, TA = 25
°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN -------------------------------------------------------------------------------------------------
−0.3V to 18.7V
Input Voltage, SW ---------------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
VBOOT - VSW -----------------------------------------------------------------------------------------------------------
−0.3V to 6V
Other Pin Voltages -------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) --------------------------------------------------------------------------------------------- 1.333W
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA ---------------------------------------------------------------------------------------- 75°C/W
SOP-8 (Exposed Pad),
θJC --------------------------------------------------------------------------------------- 15°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
(Note 4)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------- 4.5V to 17V
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Supply Current
VEN = 0V
--
0.5
3
μA
Supply Current
VEN = 3 V, VFB = 0.9V
--
0.8
1.2
mA
Feedback Voltage
VFB
4.5V
≤ VIN ≤ 17V
0.788
0.8
0.812
V
Error Amplifier
Transconductance
GEA
ΔI
C = ± 10μA
--
940
--
μA/V
High Side Switch
On-Resistance
RDS(ON)1
--
120
--
m
Ω
Low Side Switch
On-Resistance
RDS(ON)2
--
120
--
m
Ω
High Side Switch Leakage
Current
VEN = 0V, VSW = 0V
--
0
10
μA
Upper Switch Current Limit
Min. Duty Cycle, VBOOT−VSW = 4.8V
--
5.1
--
A
Lower Switch Current Limit
From Drain to Source
--
1.3
--
A
COMP to Current Sense
Transconductance
GCS
--
4.7
--
A/V
Oscillation Frequency
fOSC1
300
340
380
kHz
Short Circuit Oscillation
Frequency
fOSC2
VFB = 0V
--
100
--
kHz
Maximum Duty Cycle
DMAX
VFB = 0.7V
--
93
--
%
Minimum On Time
tON
--
100
--
ns
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com