Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7253A Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT7253A
Description  3A, 17V, 340kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7253A Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT7253A Datasheet HTML 1Page - Richtek Technology Corporation RT7253A Datasheet HTML 2Page - Richtek Technology Corporation RT7253A Datasheet HTML 3Page - Richtek Technology Corporation RT7253A Datasheet HTML 4Page - Richtek Technology Corporation RT7253A Datasheet HTML 5Page - Richtek Technology Corporation RT7253A Datasheet HTML 6Page - Richtek Technology Corporation RT7253A Datasheet HTML 7Page - Richtek Technology Corporation RT7253A Datasheet HTML 8Page - Richtek Technology Corporation RT7253A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT7253A
5
DS7253A-02 March 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Logic-High
VIH
2.7
--
5.5
EN Input Threshold
Voltage
Logic-Low
VIL
--
--
0.4
V
Input Under Voltage Lockout Threshold
VUVLO
VIN Rising
3.8
4.2
4.5
V
Input Under Voltage Lockout Hysteresis
ΔVUVLO
--
320
--
mV
Soft-Start Current
ISS
VSS = 0V
--
6
--
μA
Soft-Start Period
tSS
CSS = 0.1μF
--
13.5
--
ms
Thermal Shutdown
TSD
--
150
--
°C
Note 1. Stresses listed as the above
"Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in natural convection at TA = 25°C on a high effective thermal conductivity four -layer test board of
JEDEC 51-7 thermal measurement standard. The measurement case position of
θJC is on the exposed pad of the
package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com