Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7253A Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT7253A
Description  3A, 17V, 340kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7253A Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT7253A Datasheet HTML 6Page - Richtek Technology Corporation RT7253A Datasheet HTML 7Page - Richtek Technology Corporation RT7253A Datasheet HTML 8Page - Richtek Technology Corporation RT7253A Datasheet HTML 9Page - Richtek Technology Corporation RT7253A Datasheet HTML 10Page - Richtek Technology Corporation RT7253A Datasheet HTML 11Page - Richtek Technology Corporation RT7253A Datasheet HTML 12Page - Richtek Technology Corporation RT7253A Datasheet HTML 13Page - Richtek Technology Corporation RT7253A Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RT7253A
11
DS7253A-02 March 2011
www.richtek.com
OUT
L
OUT
1
VI
ESR
8fC
⎡⎤
Δ≤ Δ
+
⎢⎥
⎣⎦
The output ripple will be highest at the maximum input
voltage since
ΔIL increases with input voltage. Multiple
capacitors placed in parallel may be needed to meet the
ESR and RMS current handling requirement. Dry tantalum,
special polymer, aluminum electrolytic and ceramic
capacitors are all available in surface mount packages.
Special polymer capacitors offer very low ESR value.
However, it provides lower capacitance density than other
types. Although Tantalum capacitors have the highest
capacitance density, it is important to only use types that
pass the surge test for use in switching power supplies.
Aluminum electrolytic capacitors have significantly higher
ESR. However, it can be used in cost-sensitive applications
for ripple current rating and long term reliability
considerations. Ceramic capacitors have excellent low
ESR characteristics but can have a high voltage coefficient
and audible piezoelectric effects. The high Q of ceramic
capacitors with trace inductance can also lead to significant
ringing.
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at input and
output. When a ceramic capacitor is used at the input
and the power is supplied by a wall adapter through long
wires, a load step at the output can induce ringing at the
input, VIN. At best, this ringing can couple to the output
response as described in a later section.
The output ripple,
ΔVOUT , is determined by :
and be mistaken as loop instability. At worst, a sudden
inrush of current through the long wires can potentially
cause a voltage spike at VIN large enough to damage the
part.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
ΔILOAD (ESR) and COUT also begins to be charged
or discharged COUT to generate a feedback error signal
for the regulator to return VOUT to its steady-state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing that would indicate a stability problem.
EMI Consideration
Since parasitic inductance and capacitance effects in PCB
circuitry would cause a spike voltage on SW pin when
high side MOSFET is turned-on/off, this spike voltage on
SW may impact on EMI performance in the system. In
order to enhance EMI performance, there are two methods
to suppress the spike voltage. One way is by placing an
R-C snubber between SW and GND and locking them as
close as possible to the SW pin (see Figure 5). Another
method is by adding a resistor in series with the bootstrap
capacitor, CBOOT, but this method will decrease the driving
capability to the high side MOSFET. It is strongly
recommended to reserve the R-C snubber during PCB
layout for EMI improvement. Moreover, reducing the SW
trace area and keeping the main power in a small loop will
be helpful on EMI performance. For detailed PCB layout
guide, please refer to the section Layout Considerations.
Figure 5. Reference Circuit with Snubber and Enable Timing Control
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
10µH
100nF
22µFx2
R1
75k
R2
24k
VOUT
3.3V/2A
10µF x 2
Chip Enable
VIN
4.5V to 17V
RT7253A
SS
8
CSS
0.1µF
COMP
CC
3.3nF
RC
13k
CP
NC
6
4,
9 (Exposed Pad)
CBOOT
COUT
CIN
RBOOT*
RS*
CS*
REN*
CEN*
* : Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com