Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7253A Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7253A
Description  3A, 17V, 340kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7253A Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7253A Datasheet HTML 1Page - Richtek Technology Corporation RT7253A Datasheet HTML 2Page - Richtek Technology Corporation RT7253A Datasheet HTML 3Page - Richtek Technology Corporation RT7253A Datasheet HTML 4Page - Richtek Technology Corporation RT7253A Datasheet HTML 5Page - Richtek Technology Corporation RT7253A Datasheet HTML 6Page - Richtek Technology Corporation RT7253A Datasheet HTML 7Page - Richtek Technology Corporation RT7253A Datasheet HTML 8Page - Richtek Technology Corporation RT7253A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT7253A
2
DS7253A-02 March 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap for High Side Gate Driver. Connect a 0.1
μF or greater ceramic
capacitor from BOOT to SW pins.
2
VIN
Input Supply Voltage, 4.5V to 17V. Must bypass with a suitably large ceramic
capacitor.
3
SW
Phase Node. Connect this pin to an external L-C filter.
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
5
FB
Feedback Input pin. This pin is connected to the converter output. It is used to
set the output of the converter to regulate to the desired value via an internal
resistive voltage divider. For an adjustable output, an external resistive
voltage divider is connected to this pin.
6
COMP
Compensation Node. COMP is used to compensate the regulation control
loop. Connect a series RC network from COMP to GND. In some cases, an
additional capacitor from COMP to GND is required.
7
EN
Enable Input Pin. A logic high enables the converter; a logic low forces the
RT7253A into shutdown mode reducing the supply current to less than 3
μA.
Attach this pin to VIN with a 100k
Ω pull up resistor for automatic startup.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor
from SS to GND to set the soft-start period. A 0.1
μF capacitor sets the
soft-start period to 13.5ms.
Typical Application Circuit
VOUT (V) R1 (kΩ)
R2 (k
Ω)
RC (kΩ)
CC (nF)
L (
μH)
COUT (μF)
8
27
3
24
4.7
22
22 x 2
5
62
11.8
18
4.7
15
22 x 2
3.3
75
24
12
4.7
10
22 x 2
2.5
25.5
12
8.2
4.7
6.8
22 x 2
1.5
10.5
12
3.6
4.7
3.6
22 x 2
1.2
12
24
3
4.7
3.6
22 x 2
1
3
12
2.7
4.7
3.6
22 x 2
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
10µH
100nF
22µF x 2
R1
75k
R2
24k
VOUT
3.3V/2A
10µF x 2
VIN
4.5V to 17V
RT7253A
SS
8
CSS
COMP
CC
3.3nF
RC
13k
CP
Open
6
4, 9 (Exposed Pad)
CBOOT
CIN
0.1µF
COUT
REN 100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com