Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7253A Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT7253A
Description  3A, 17V, 340kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7253A Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT7253A Datasheet HTML 6Page - Richtek Technology Corporation RT7253A Datasheet HTML 7Page - Richtek Technology Corporation RT7253A Datasheet HTML 8Page - Richtek Technology Corporation RT7253A Datasheet HTML 9Page - Richtek Technology Corporation RT7253A Datasheet HTML 10Page - Richtek Technology Corporation RT7253A Datasheet HTML 11Page - Richtek Technology Corporation RT7253A Datasheet HTML 12Page - Richtek Technology Corporation RT7253A Datasheet HTML 13Page - Richtek Technology Corporation RT7253A Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT7253A
10
DS7253A-02 March 2011
www.richtek.com
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output voltage
ripple. High frequency with small ripple current can achieve
highest efficiency operation. However, it requires a large
inductor to achieve this goal.
For the ripple current selection, the value of
ΔIL= 0.24(IMAX)
will be a reasonable starting point. The largest ripple
current occurs at the highest VIN. To guarantee that the
OUT
OUT
L(MAX)
IN(MAX)
VV
L =
1
fI
V
⎡⎤ ⎡
⎤
×−
⎢⎥ ⎢
⎥
×Δ
⎣⎦ ⎣
⎦
The inductor's current rating (caused a 40
°C temperature
rising from 25
°C ambient) should be greater than the
maximum load current and its saturation current should
be greater than the short circuit peak current limit. Please
see Table 2 for the inductor selection reference.
Table 2. Suggested Inductors for Typical
Application Circuit
Component
Supplier
Series
Dimensions
(mm)
TDK
VLF10045
10 x 9.7 x 4.5
TDK
SLF12565
12.5 x 12.5 x 6.5
TAIYO
YUDEN
NR8040
8 x 8 x 4
OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
I
= I
1
VV
−
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is
commonly used for design because even significant
deviations do not offer much relief.
Choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to
meet size or height requirements in the design.
For the input capacitor, one 10
μF low ESR ceramic
capacitors are recommended. For the recommended
capacitor, please refer to table 3 for more detail.
The selection of COUT is determined by the required ESR
to minimize voltage ripple.
Moreover, the amount of bulk capacitance is also a key
for COUT selection to ensure that the control loop is stable.
Loop stability can be checked by viewing the load transient
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the high side MOSFET.
To prevent large ripple current, a low ESR input capacitor
sized for the maximum RMS current should be used. The
RMS current is given by :
OUT
OUT
L
IN
VV
I =
1
fL
V
⎡⎤ ⎡
⎤
Δ× −
⎢⎥ ⎢
⎥
×
⎣⎦ ⎣
⎦
Hiccup Mode
For the RT7253AH, Hiccup Mode Under Voltage Protection
(UVP) is provided. When the FB voltage drops below half
of the feedback reference voltage, VFB, the UVP function
will be triggered and the RT7253AH will shut down for a
period of time and then recover automatically. The Hiccup
Mode UVP can reduce input current in short-circuit
conditions.
Latch-Off Mode
For the RT7253AL, Latch-Off Mode Under Voltage
Protection (UVP) is provided. When the FB voltage drops
below half of the feedback reference voltage, VFB, UVP
will be triggered and the RT7253AL will shutdown in Latch-
Off Mode. In shutdown condition, the RT7253AL can be
reset via the EN pin or power input VIN.
Inductor Selection
The inductor value and operating frequency determine the
ripple current according to a specific input and output
voltage. The ripple current
ΔIL increases with higher VIN
and decreases with higher inductance.
Figure 4. The Resistors can be Selected to Set IC
Lockout Threshold
ripple current stays below the specified maximum, the
inductor value should be chosen according to the following
equation :
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
R1
R2
VOUT
VIN
RT7253A
SS
8
CSS
COMP
CC
RC
CP
6
CBOOT
COUT
CIN
100k
8V
12V
REN2
REN1
10µF x 2
4,
9 (Exposed Pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com