Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7253A Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT7253A
Description  3A, 17V, 340kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7253A Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT7253A Datasheet HTML 3Page - Richtek Technology Corporation RT7253A Datasheet HTML 4Page - Richtek Technology Corporation RT7253A Datasheet HTML 5Page - Richtek Technology Corporation RT7253A Datasheet HTML 6Page - Richtek Technology Corporation RT7253A Datasheet HTML 7Page - Richtek Technology Corporation RT7253A Datasheet HTML 8Page - Richtek Technology Corporation RT7253A Datasheet HTML 9Page - Richtek Technology Corporation RT7253A Datasheet HTML 10Page - Richtek Technology Corporation RT7253A Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT7253A
7
DS7253A-02 March 2011
www.richtek.com
Power On from EN
Time (5ms/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 3A
IOUT
(2A/Div)
VOUT
(2V/Div)
VEN
(5V/Div)
Switching
Time (1
μs/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 3A
IL
(2A/Div)
VOUT
(10mV/Div)
VSW
(10V/Div)
Load Transient Response
Time (100
μs/Div)
VOUT
(200mV/Div)
IOUT
(2A/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 0A to 3A
Load Transient Response
Time (100
μs/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 1.5A to 3A
IOUT
(2A/Div)
VOUT
(200mV/Div)
Power Off from EN
Time (5ms/Div)
IOUT
(2A/Div)
VOUT
(2V/Div)
VEN
(5V/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 3A
Current Limit vs. Temperature
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V, VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com