Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX021AM Datasheet(PDF) 18 Page - Sony Corporation

Part # LCX021AM
Description  4.1cm (1.6-inch) LCD Panel (with microlens)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX021AM Datasheet(HTML) 18 Page - Sony Corporation

Back Button LCX021AM Datasheet HTML 14Page - Sony Corporation LCX021AM Datasheet HTML 15Page - Sony Corporation LCX021AM Datasheet HTML 16Page - Sony Corporation LCX021AM Datasheet HTML 17Page - Sony Corporation LCX021AM Datasheet HTML 18Page - Sony Corporation LCX021AM Datasheet HTML 19Page - Sony Corporation LCX021AM Datasheet HTML 20Page - Sony Corporation LCX021AM Datasheet HTML 21Page - Sony Corporation LCX021AM Datasheet HTML 22Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
– 18 –
LCX021AM
(2) Horizontal direction display cycle
(2.1) SVGA/PC98, RGT = H
VD
VST (DWN = H)
1
2
Vertical display cycle 604H
VCK
3
4
601 602 603 604
VST (DWN = L)
(1) Vertical direction display cycle
(1.1) SVGA
HST
HCK1
HCK2
HD
1
2
3
4
130 131 132 133 134
Horizontal display cycle
(2.2) SVGA/PC98, RGT = L
HST
HCK1
1
2
3
4
130 131 132 133
HCK2
HD
134
Horizontal display cycle
(1.2) PC98
VST (DWN = H)
VST (DWN = L)
Vertical display cycle 500H
VD
1
2
VCK
3
4
497 498 499
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com