Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX021AM Datasheet(PDF) 1 Page - Sony Corporation

Part # LCX021AM
Description  4.1cm (1.6-inch) LCD Panel (with microlens)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX021AM Datasheet(HTML) 1 Page - Sony Corporation

  LCX021AM Datasheet HTML 1Page - Sony Corporation LCX021AM Datasheet HTML 2Page - Sony Corporation LCX021AM Datasheet HTML 3Page - Sony Corporation LCX021AM Datasheet HTML 4Page - Sony Corporation LCX021AM Datasheet HTML 5Page - Sony Corporation LCX021AM Datasheet HTML 6Page - Sony Corporation LCX021AM Datasheet HTML 7Page - Sony Corporation LCX021AM Datasheet HTML 8Page - Sony Corporation LCX021AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
4.1cm (1.6-inch) LCD Panel (with microlens)
Description
The LCX021AM is a 4.1cm diagonal active matrix
TFT-LCD panel addressed by polycrystalline silicon
super thin film transistors with built-in peripheral driving
circuit. This panel allows full-color representation
without color filters through the use of a microlens.
The striped arrangement suitable for data projectors
is capable of displaying fine text and vertical lines.
The adoption of an advanced on-chip black matrix
realizes high picture quality by incorporating a high
luminance screen, cross-talk free and ghost free
circuits.
This panel has a polysilicon TFT high-speed
scanner and built-in function to display images
up/down and/or right/left inverse. The built-in 5V
interface circuit leads to lower voltage of timing and
control signals.
The panel contains an active area variable circuit
which supports SVGA 4:3/PC98∗1 8:5 data signals
by changing the active area according to the type of
input signal.
∗1 "PC98" is a trademark of NEC Corporation.
Features
• The number of active dots: 1,456,000 (1.6-inch; 4.1cm in diagonal)
• Supports SVGA (804
× 3 × 604) and PC98∗1 (804 × 3 × 500)
• Effective aperture ratio: 70% (reference value)
• Built-in cross talk free and ghost free circuits
• High contrast ratio with normally white mode: 150 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Up/down and/or right/left inverse display function
Element Structure
• Dots: 804
× 3 (H) × 604 (V) = 1,456,848
• Built-in peripheral driver using polycrystalline silicon super thin film transistors
Applications
• Liquid crystal data projectors
• Liquid crystal projectors
• Liquid crystal rear projection TV, etc.
– 1 –
E98501A94-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
LCX021AM
For the availability of this product, please contact the sales office.


Similar Part No. - LCX021AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX020 SONY-LCX020 Datasheet
306Kb / 24P
1.8cm (0.7-inch) Color LCD Panel
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
1.8cm (0.7-inch) Color LCD Panel
LCX023CMT SONY-LCX023CMT Datasheet
359Kb / 26P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX023ELT SONY-LCX023ELT Datasheet
55Kb / 2P
XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
LCX023EMT SONY-LCX023EMT Datasheet
55Kb / 2P
XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
More results

Similar Description - LCX021AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX011AM SONY-LCX011AM Datasheet
427Kb / 23P
3.6cm (1.43-inch) LCD Panel (with microlens)
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
3.4cm (1.32-inch) LCD Panel (with microlens)
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
1.8cm (0.7-inch) Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
4.6cm (1.8-inch) Black-and-White LCD Panel
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
5,7 LCD CONTROL PANEL WITH TOUCH PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com