Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX021AM Datasheet(PDF) 11 Page - Sony Corporation

Part # LCX021AM
Description  4.1cm (1.6-inch) LCD Panel (with microlens)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX021AM Datasheet(HTML) 11 Page - Sony Corporation

Back Button LCX021AM Datasheet HTML 7Page - Sony Corporation LCX021AM Datasheet HTML 8Page - Sony Corporation LCX021AM Datasheet HTML 9Page - Sony Corporation LCX021AM Datasheet HTML 10Page - Sony Corporation LCX021AM Datasheet HTML 11Page - Sony Corporation LCX021AM Datasheet HTML 12Page - Sony Corporation LCX021AM Datasheet HTML 13Page - Sony Corporation LCX021AM Datasheet HTML 14Page - Sony Corporation LCX021AM Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
– 11 –
LCX021AM
Reflection Preventive Processing
When a phase substrate which rotates the polarization axis is used to adjust to the polarization direction of a
polarization screen or prism, use a phase substrate with reflection preventive processing on the surface. This
prevents characteristic deterioration caused by luminous reflection.
Electro-optical Characteristics
(SVGA mode)
Item
Contrast ratio
25°C
25°C
25°C
60°C
25°C
60°C
25°C
60°C
0°C
25°C
0°C
25°C
60°C
25°C
25°C
CR
Teff
RV90-25
GV90-25
BV90-25
RV90-60
GV90-60
BV90-60
RV50-25
GV50-25
BV50-25
RV50-60
GV50-60
BV50-60
RV10-25
GV10-25
BV10-25
RV10-60
GV10-60
BV10-60
ton0
ton25
toff0
toff25
F
YT60
CTK
100
—
1.3
1.4
1.5
1.3
1.3
1.4
1.7
1.8
1.9
1.7
1.7
1.8
2.3
2.4
2.5
2.3
2.3
2.3
—
—
—
—
—
—
—
150
70
1.6
1.8
1.9
1.6
1.7
1.8
2.0
2.1
2.2
1.9
2.0
2.1
2.6
2.7
2.8
2.5
2.6
2.7
30
12
100
30
–65
—
—
—
—
2.0
2.2
2.3
1.9
2.0
2.2
2.3
2.4
2.5
2.2
2.3
2.4
2.9
3.0
3.1
2.8
2.9
3.0
80
40
200
70
–40
—
5
1
2
3
4
5
6
7
—
%
V
ms
dB
s
%
Effective apeature ratio
V-T
characteristics
V90
V50
ON time
OFF time
V10
Response time
Flicker
Image retention time
Cross talk
Symbol
Measurement method
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com