Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX021AM Datasheet(PDF) 22 Page - Sony Corporation

Part # LCX021AM
Description  4.1cm (1.6-inch) LCD Panel (with microlens)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX021AM Datasheet(HTML) 22 Page - Sony Corporation

Back Button LCX021AM Datasheet HTML 16Page - Sony Corporation LCX021AM Datasheet HTML 17Page - Sony Corporation LCX021AM Datasheet HTML 18Page - Sony Corporation LCX021AM Datasheet HTML 19Page - Sony Corporation LCX021AM Datasheet HTML 20Page - Sony Corporation LCX021AM Datasheet HTML 21Page - Sony Corporation LCX021AM Datasheet HTML 22Page - Sony Corporation LCX021AM Datasheet HTML 23Page - Sony Corporation LCX021AM Datasheet HTML 24Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
– 22 –
LCX021AM
Notes on Operation
(1) Lighting spectrum and intensity
Use only visible light with a wavelength
λ = 415 to 780nm as a light source. Light with a wavelength λ >
780nm (infrared light) will produce unwanted temperature rises. Light with a wavelength
λ < 415nm
(ultraviolet light) will produce irreversible changes in the display characteristics. To prevent this, be sure to
mount UV/IR cut filters between the LCX021AM and the light source as necessary depending on the light
source.
The lighting intensity should be 1 million lx or less, and the panel surface temperature should not exceed
55°C.
(2) Lighting optical system
Care should be taken for the following points concerning the optical system mounted on the LCX021AM.
1) Light reflected from the optical system to the panel should be 20,000 lx or less.
2) Particular care should be taken for the panel incident angle distribution when designing optical systems
for use with the LCX021AM.
3) The panel surface temperature distribution should not exceed 10°C.
4) Light should shine only on the effective display area within the LCD panel and not on other unnecessary
locations. Leakage light may produce unwanted temperature rises.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com