Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX021AM Datasheet(PDF) 10 Page - Sony Corporation

Part # LCX021AM
Description  4.1cm (1.6-inch) LCD Panel (with microlens)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX021AM Datasheet(HTML) 10 Page - Sony Corporation

Back Button LCX021AM Datasheet HTML 6Page - Sony Corporation LCX021AM Datasheet HTML 7Page - Sony Corporation LCX021AM Datasheet HTML 8Page - Sony Corporation LCX021AM Datasheet HTML 9Page - Sony Corporation LCX021AM Datasheet HTML 10Page - Sony Corporation LCX021AM Datasheet HTML 11Page - Sony Corporation LCX021AM Datasheet HTML 12Page - Sony Corporation LCX021AM Datasheet HTML 13Page - Sony Corporation LCX021AM Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
– 10 –
LCX021AM
Electrical Characteristics (Ta = 25°C, HVDD = 15.5V, VVDD = 15.5V)
1. Horizontal drivers
Item
Input pin capacitance
HCKn
HST
Input pin current
HCK1
HCK2
HST
RGT
Video signal input pin capacitance
Current consumption
CHckn
CHst
Csig
IH
HCK1 = GND
HCK2 = GND
HST = GND
RGT = GND
HCKn: HCK1, HCK2 (4.0MHz)
—
—
–500
–1000
–500
–150
—
—
12
12
–250
–300
–150
–30
120
15.0
17
17
—
—
—
—
170
20.0
pF
pF
µA
µA
µA
µA
pF
mA
Symbol
Min.
Typ.
Max.
Unit
Conditions
2. Vertical drivers
Item
Input pin capacitance
VCK
VST
Input pin current
VCK
PCG, VST, ENB, DWN, BLK, MODE
Current consumption
CVck
CVst
IV
—
—
–1000
–150
—
12
12
–150
–30
3.0
17
17
—
—
6.0
pF
pF
µA
µA
mA
Symbol
Min.
Typ.
Max.
Unit
Conditions
3. Total power consumption of the panel
Item
Total power consumption of the
panel (SVGA)
PWR
—
250
400
mW
Symbol
Min.
Typ.
Max.
Unit
4. Pin input resistance
Item
Pin – VSS input resistance
Rpin
0.4
1
—
M
Ω
Symbol
Min.
Typ.
Max.
Unit
VCK = GND
PCG, VST, ENB, DWN,
BLK, MODE = GND
VCK: (24.0kHz)
5. Uniformity improvement signal
Item
Input pin capacitance for uniformity
improvement signal
CPSIGo
10
nF
Symbol
Min.
Typ.
Max.
Unit
—
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com