Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX021AM Datasheet(PDF) 24 Page - Sony Corporation

Part # LCX021AM
Description  4.1cm (1.6-inch) LCD Panel (with microlens)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX021AM Datasheet(HTML) 24 Page - Sony Corporation

Back Button LCX021AM Datasheet HTML 16Page - Sony Corporation LCX021AM Datasheet HTML 17Page - Sony Corporation LCX021AM Datasheet HTML 18Page - Sony Corporation LCX021AM Datasheet HTML 19Page - Sony Corporation LCX021AM Datasheet HTML 20Page - Sony Corporation LCX021AM Datasheet HTML 21Page - Sony Corporation LCX021AM Datasheet HTML 22Page - Sony Corporation LCX021AM Datasheet HTML 23Page - Sony Corporation LCX021AM Datasheet HTML 24Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
– 24 –
LCX021AM
Package Outline
Unit: mm
(28.5)
(32.56)
12.22 ± 0.25
2.5 ± 0.2
57.0 ± 0.2
62.0 ± 0.2
(5.1)
φ2.5H9
8-
φ2.5 ± 0.1
2.5H9
× 3.0
Active Area
electrode (enlarged)
PIN40
PIN1
Thickness of the connector 0.3 ± 0.05
The rotation angle of the active area relative to H and V is ± 1°.
Incident
light
1
2
3
4
5
6
7
Glass
Polarizing film
weight 48g
Description
Molding material
Outside frame
Reinforcing board
Reinforcing material
F P C
No
1
2
3
4
5
6
7
6
3
Polarizing
Axis
5.5 ± 0.2
51.0 ± 0.2
P 0.5
× 39 = 19.5 ± 0.1
0.5 ± 0.1
0.35
+ 0.04
– 0.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com