Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9502 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9502
Description  Linear Single Cell Li-Ion Battery Charger IC with Dual Input Supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9502 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9502 Datasheet HTML 1Page - Richtek Technology Corporation RT9502 Datasheet HTML 2Page - Richtek Technology Corporation RT9502 Datasheet HTML 3Page - Richtek Technology Corporation RT9502 Datasheet HTML 4Page - Richtek Technology Corporation RT9502 Datasheet HTML 5Page - Richtek Technology Corporation RT9502 Datasheet HTML 6Page - Richtek Technology Corporation RT9502 Datasheet HTML 7Page - Richtek Technology Corporation RT9502 Datasheet HTML 8Page - Richtek Technology Corporation RT9502 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RT9502
5
DS9502-02 April 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
ACIN Input Voltage --------------------------------------------------------------------------------------------------------
−0.3V to 18V
USB Input Voltage ---------------------------------------------------------------------------------------------------------
−0.3V to 7V
EN Input Voltage -----------------------------------------------------------------------------------------------------------
−0.3V to 6V
Output Current ------------------------------------------------------------------------------------------------------------- 1.2A
Power Dissipation, PD @ TA = 25
°C
WDFN-10L 3x3 ------------------------------------------------------------------------------------------------------------- 0.926W
Package Thermal Resistance (Note 2)
WDFN-10L 3x3,
θJA ------------------------------------------------------------------------------------------------------- 108°C/W
WDFN-10L 3x3,
θJC ------------------------------------------------------------------------------------------------------- 8.2°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ---------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
(ACIN = USB = 5V, TA = 27
°C, Unless Otherwise specification)
To be continued
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Input
ACIN/USB UVP Rising Threshold
Voltage
VUV_HIGH
--
4.4
4.5
V
ACIN/USB UVP Hysteresis
VUV_LOW
50
80
120
mV
ACIN/USB Standby Current
ISTBY
VBATT = 4.5V
--
300
500
uA
ACIN/USB Shutdown Current
ISHDN
VEN = High
--
50
100
uA
ACIN/USB UVP Current
IUVP
VACIN = 4V, VUSB = 4V,
VBATT = 3V
--
150
250
uA
BATT Sleep Leakage Current
ISLEEP
VACIN = 4V, VUSB = 4V
VBATT = 4.5V
--
2
5
uA
Voltage Regulation
BATT Regulation Voltage
VREG
IBATT = 60mA
4.158
4.2
4.242
V
Regulation Voltage Accuracy
−1
--
+1
%
ACIN MOSFET
RDS(ON)_ACI
N
IBATT = 500mA
--
600
--
m
Ω
USB MOSFET
RDS(ON)_USB
IBATT = 500mA
--
1200
--
m
Ω
Current Regulation
ISETA Set Voltage
(Fast Charge Phase)
VISETA
VBATT = 3.5V
2.42
2.5
2.55
V
Full Charge setting range
ICHG_ACIN
100
--
1200
mA
Recommended Operating Conditions
(Note 4)
ACIN, USB Input Voltage Range --------------------------------------------------------------------------------------- 4.5V to 6V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com