Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9502 Datasheet (PDF) - Richtek Technology Corporation

RT9502 Datasheet PDF - Richtek Technology Corporation
Part # RT9502
Download  RT9502 Download
File Size   318.13 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Linear Single Cell Li-Ion Battery Charger IC with Dual Input Supply

RT9502 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9502 Datasheet PDF - Richtek Technology Corporation

Part # RT9502
Download  RT9502 Click to download

File Size   318.13 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Linear Single Cell Li-Ion Battery Charger IC with Dual Input Supply

RT9502 Datasheet (HTML) - Richtek Technology Corporation


RT9502 Product details

General Description

The RT9502 is a fully integrated low cost single-cell LiIon battery charger IC ideal for portable applications. The RT9502 is capable of being powered up from AC adapter and USB (Universal Serial Bus) port inputs. The RT9502 can automatically detect and select the AC adapter and the USB port as the power source for the charger. The RT9502 enters sleep mode when both supplies are removed.



Features

Automatic Input Supplies Selection

18V Maximum Rating for AC Adapter

Integrated Selectable 100mA and 500mA USB Charge Current

Internal Integrated P-MOSFETs

AC Adapter Power Good Status Indicator

Charge Status Indicator

Under Voltage Protection

Over Voltage Protection

Automatic Recharge Feature

Battery Temperature Monitoring

Small 10-Lead WDFN Package

Thermal Feedback Optimizing Charge Rate

RoHS Compliant and 100% Lead (Pb)-Free




Similar Part No. - RT9502

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9501 RICHTEK-RT9501 Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
RT9501A RICHTEK-RT9501A Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
RT9501A RICHTEK-RT9501A Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
RT9501ACF RICHTEK-RT9501ACF Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
RT9501AGF RICHTEK-RT9501AGF Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
More results


Similar Description - RT9502

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com