Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9502 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9502
Description  Linear Single Cell Li-Ion Battery Charger IC with Dual Input Supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9502 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9502 Datasheet HTML 1Page - Richtek Technology Corporation RT9502 Datasheet HTML 2Page - Richtek Technology Corporation RT9502 Datasheet HTML 3Page - Richtek Technology Corporation RT9502 Datasheet HTML 4Page - Richtek Technology Corporation RT9502 Datasheet HTML 5Page - Richtek Technology Corporation RT9502 Datasheet HTML 6Page - Richtek Technology Corporation RT9502 Datasheet HTML 7Page - Richtek Technology Corporation RT9502 Datasheet HTML 8Page - Richtek Technology Corporation RT9502 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9502
1
DS9502-02 April 2011
www.richtek.com
Features
Automatic Input Supplies Selection
18V Maximum Rating for AC Adapter
Integrated Selectable 100mA and 500mA USB
Charge Current
Internal Integrated P-MOSFETs
AC Adapter Power Good Status Indicator
Charge Status Indicator
Under Voltage Protection
Over Voltage Protection
Automatic Recharge Feature
Battery Temperature Monitoring
Small 10-Lead WDFN Package
Thermal Feedback Optimizing Charge Rate
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
Digital Cameras
Cellular Phones
Personal Digital Assistants (PDAs)
MP3 Players
Hand Held PCs
Ordering Information
General Description
The RT9502 is a fully integrated low cost single-cell Li-
Ion battery charger IC ideal for portable applications. The
RT9502 is capable of being powered up from AC adapter
and USB (Universal Serial Bus) port inputs. The RT9502
can automatically detect and select the AC adapter and
the USB port as the power source for the charger. The
RT9502 enters sleep mode when both supplies are
removed.
The RT9502 optimizes the charging task by using a control
algorithm including precondition mode, fast charge mode
and constant voltage mode. The charging task is
terminated as the charge current drops below the preset
threshold. The USB charge current can be selected from
preset ratings of 100mA and 500mA, while the AC adapter
charge current can be programmed up to 1A with an
external resister. The internal thermal feedback circuitry
regulates the die temperature to optimize the charge rate
for all ambient temperatures.
The RT9502 features 18V and 7V maximum rating voltages
for AC adapter and USB port inputs respectively. The other
features are under voltage protection, over voltage
protection for AC adapter supply and battery temperature
monitoring.
(TOP VIEW)
WDFN-10L 3x3
Linear Single Cell Li-Ion Battery Charger IC with
Dual Input Supply
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
ACIN
USB
GND
BATT
TS
ISETA
ISETU
9
8
7
1
2
3
4
5
10
GND
CHG_S
PGOOD
EN
11
RT9502
Package Type
QW : WDFN-10L 3x3 (W-Type)
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9502

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9501 RICHTEK-RT9501 Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
RT9501A RICHTEK-RT9501A Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
RT9501A RICHTEK-RT9501A Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
RT9501ACF RICHTEK-RT9501ACF Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
RT9501AGF RICHTEK-RT9501AGF Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
More results

Similar Description - RT9502

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com