Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9502 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9502
Description  Linear Single Cell Li-Ion Battery Charger IC with Dual Input Supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9502 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9502 Datasheet HTML 2Page - Richtek Technology Corporation RT9502 Datasheet HTML 3Page - Richtek Technology Corporation RT9502 Datasheet HTML 4Page - Richtek Technology Corporation RT9502 Datasheet HTML 5Page - Richtek Technology Corporation RT9502 Datasheet HTML 6Page - Richtek Technology Corporation RT9502 Datasheet HTML 7Page - Richtek Technology Corporation RT9502 Datasheet HTML 8Page - Richtek Technology Corporation RT9502 Datasheet HTML 9Page - Richtek Technology Corporation RT9502 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT9502
6
DS9502-02 April 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
ACIN Charge Current accuracy
ICHG_ACIN
VBATT = 3.8V; RISET = 1.5kΩ
--
500
--
mA
Precharge
BATT Pre-charge Rising Threshold
VPRECH
2.6
2.8
3
V
BATT Pre-charge Threshold
Hysteresis
ΔVPRECH
50
100
200
mV
Pre-Charge Current
IPCHG
VBATT = 2V
8
10
12
%
Recharge Threshold
BATT Re-charge Falling Threshold
Hysteresis
ΔVRECH_L
VREG − VBATT
60
100
150
mV
Charge Termination Detection
ISETA Charge Termination Set
Voltage
VTERM
VBATT = 4.2V
200
250
275
mV
Term ination Current Ratio (default)
ITERM
VBATT = 4.2V
--
10
--
%
Logic Input/Output
CHG_S Pull Down Voltage
VCHG_S
TBD; ICHG_S = 5mA
--
65
--
mV
PGOOD Pull Down Voltage
VPGOOD
TBD; IPGOOD = 5mA
--
220
--
mV
Logic-High Voltage VIH
1.5
--
--
V
EN Threshold
Logic-Low Voltage
VIL
--
--
0.4
V
EN Pin Input Current
IEN
VEN = 2V
--
--
2
uA
High Voltage
VISETU_HIGH
1.5
--
V
ISETU
Threshold
Low Voltage
VISETU_LOW
--
--
0.4
V
ISETU Pin Input Current
IISETU
VISETU =2V
--
--
2
uA
USB Charge Current & Timing
ICHG(USB100)
VUSB = 5V; VBATT = 3.5V,
ISETU = 0V
--
--
100
USB Charge Current
ICHG(USB500)
VUSB = 5V; VBATT = 3.5V,
ISETU = 5V
400
450
500
mA
Battery Temperature Sense
TS Pin Source Current
ITS
VTS = 1.5V
96
102
108
uA
Low Voltage
VTS_LOW
Falling
0.485
0.5
0.515
V
TS Pin
Threshold
High Voltage
VTS_HIGH
Rising
2.45
2.5
2.55
V
Protection
Thermal Regulation
--
125
--
°C
OVP SET
Internal Default
--
6.5
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com