Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9502 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9502
Description  Linear Single Cell Li-Ion Battery Charger IC with Dual Input Supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9502 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9502 Datasheet HTML 5Page - Richtek Technology Corporation RT9502 Datasheet HTML 6Page - Richtek Technology Corporation RT9502 Datasheet HTML 7Page - Richtek Technology Corporation RT9502 Datasheet HTML 8Page - Richtek Technology Corporation RT9502 Datasheet HTML 9Page - Richtek Technology Corporation RT9502 Datasheet HTML 10Page - Richtek Technology Corporation RT9502 Datasheet HTML 11Page - Richtek Technology Corporation RT9502 Datasheet HTML 12Page - Richtek Technology Corporation RT9502 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RT9502
10
DS9502-02 April 2011
www.richtek.com
Application Information
Automatically Power Source Selection
The RT9502 is a battery charger IC which is designed for
Li-ion Battery with 4.2V rated voltage.
The RT9502 can be adopted for two input power source,
ACIN or USB Input. It will automatically select the input
source and operate in different mode as below.
ACIN Mode : When the ACIN input voltage (ACIN) is higher
than the UVP voltage level (4.4V), the RT9502 will enter
ACIN Mode. In the ACIN Mode, ACIN P-MOSFET is turned
on and USB P-MOSFET is turned off.
USB Mode : When ACIN input voltage is lower than UVP
voltage level and USB input voltage is higher than UVP
voltage level (4.4V), the RT9502 will operate in the USB
Mode. In the USB Mode, ACIN P-MOSFET is turned off
and USB P-MOSFET is turned on.
Sleep Mode : The RT9502 will enter Sleep Mode when
both ACIN and USB input voltage are removed. This feature
provides low leakage current from the battery during the
absence of input supply.
Figure 1. Input Power Source Operation Mode.
ACIN Over Voltage Protection
The ACIN input voltage is monitored by an internal OVP
comparator. The comparator has an accurate reference of
2.5V from the band-gap reference. The OVP threshold is
set by the internal resistive. The protection threshold is
set to 6.5V. When the input voltage exceeds the threshold,
the comparator outputs a logic signal to turn off the power
P-MOSFET to prevent the high input voltage from damaging
the electronics in the handheld system. When the input
over oltage condition is removed (ACIN < 6V), the
comparator re-enables the output by running through the
soft-start.
Battery Temperature Monitoring
The RT9502 continuously monitors battery temperature
by measuring the voltage between the TS and GND pins.
The RT9502 has an internal current source to provide the
bias for the most common 10k
Ω negative-temperature
coefficient thermal resistor (NTC) (see Figure 2). The
RT9502 compares the voltage on the TS pin against the
internal VTS_HIGH and VTS_LOW thresholds to determine
if charging is allowed.
When the temperature outside the VTS_HIGH and
VTS_LOW thresholds is detected, the device will
immediately stop the charge. The RT9502 stops charge
and keep monitoring the battery temperature when the
temperature sense input voltage is back to the threshold
between VTS_HIGH and VTS_LOW, the charger will be
resumed. Charge is resumed when the temperature returns
to the normal range. However the user may modify
thresholds by the negative-temperature coefficient thermal
resistor or adding two external resistors. (see Figure 3.)
The capacitor should be placed close to TS(Pin 9) and
connected to the ground plane. The capacitance value
(0.1uF to 10uF) should be selected according to the quality
of PCB layout. It is recommended to use 10uF if the layout
is poor if prevent noise.
TS
TS
NTC
TS
TS
V
= I
R
Turn off when V
2.5V or V
0.5V
×
≥≤
Figure 2. Temperature Sensing Configuration
0.1uF to 10uF
Battery
A
TS
Temperature
Sense
ITS
VBATT
NTC
ACIN Mode
USB Mode
VACIN < UVP
VUSB > UVP
Sleep Mode
VACIN < UVP
VUSB < UVP
VACIN > UVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com