Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9502 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9502
Description  Linear Single Cell Li-Ion Battery Charger IC with Dual Input Supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9502 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9502 Datasheet HTML 1Page - Richtek Technology Corporation RT9502 Datasheet HTML 2Page - Richtek Technology Corporation RT9502 Datasheet HTML 3Page - Richtek Technology Corporation RT9502 Datasheet HTML 4Page - Richtek Technology Corporation RT9502 Datasheet HTML 5Page - Richtek Technology Corporation RT9502 Datasheet HTML 6Page - Richtek Technology Corporation RT9502 Datasheet HTML 7Page - Richtek Technology Corporation RT9502 Datasheet HTML 8Page - Richtek Technology Corporation RT9502 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9502
2
DS9502-02 April 2011
www.richtek.com
Typical Application Circuit
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
ACIN
AC Adaptor Charge Input Supply.
2
USB
USB Charge Input Supply.
3
CHG_S
Charge Status Indicator Output (open drain).
4
PGOOD
Power Good Indicator Output (open drain).
5
GND
Ground.
6
ISETA
Wall Adaptor Supply Charge Current Set Point.
7
ISETU
USB Supply Charge Current Set Input (active low).
8
EN
Charge Enable Input (active low).
9
TS
Temperature Sense Input.
10
BATT
Battery Charge Current Output.
11 (Exposed Pad)
GND
The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
RT9502
1uF
AC
Adapter
ACIN
USB
GND
BATT
TS
ISETA
ISETU
USB
1uF
H : 500mA
L : 100mA
RSET
Battery Pack
1
2
3
4
5, Exposed Pad(11)
6
7
8
9
10
CHG_S
PGOOD
EN
To System
To System
Chip Shutdown
Chip Enable
0.1uF to 10uF
Pre-Charge Phase
Fast Charge
Phase
Constant Voltage
Phase &
Standby Phase
Re-Charge Phase
Programmed
Charge Current
4.1V Recharge
Threshold
2.8V Precharge
Threshold
1/10 Programmed
Charge Current
Charge
Complete
Battery
Voltage
Charging
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com