Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2441ACPZ-R2 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP2441ACPZ-R2
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441ACPZ-R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP2441ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 28Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 29Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 30Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 31Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADP2441
Data Sheet
Rev. A | Page 28 of 32
VIN = 36 V ± 10%, VOUT = 3.3 V, fSW = 300 kHz.
R7
50kΩ
EXT
VIN
36V
FSW
300kHz
FB
COMP
EN
PGND
VIN
SW
ADP2441
VOUT
3.3V, 1A
C3
1µF/25V
C4
1µF/25V
C11
10nF
L1
33.3µH
R9
300kΩ
PGOOD
TRK
R5
91kΩ
C6
0.1µF
C7
47µF
C8
47µF
C2
4.7µF/
50V
C1
4.7µF/
50V
C5
10nF/50V
C10
560pF
R3
10kΩ
R2
45kΩ
Figure 63. ADP2441 Typical Application Circuit, VIN = 36 V ± 10%, VOUT = 3.3 V, fSW = 300 kHz
Table 17. Calculated Component Values for Figure 63
Qty.
Ref
Value
Description
Part Number
2
C1, C2
4.7 μF
Capacitor ceramic, X7R, 50 V
GRM31CR71H475KA12L
2
C3, C4
1 μF
Capacitor ceramic, 1 μF, 25 V, X7R, 10%, 0603
GRM188R71E105KA12D
2
C5, C11
10 nF
Capacitor ceramic, 10,000 pF, 50 V, 10%, X7R, 0603
ECJ-1VB1H103K
1
C7
47 μF
Capacitor ceramic, 47 μF, 6.3 V, X7R, 1210
GRM32ER70J476KE20L
1
C8
47 μF
Capacitor ceramic, 47 μF, 6.3 V, X7R, 1210
GRM32ER70J476KE20L
1
L1
33.3 μH
Inductor, 33.3 μH
CoilCraft MSS1038T-333ML
1
C6
0.1 μF
Capacitor ceramic, 0.1 μF, 50 V, X7R, 0805
ECJ-2FB1H104K
1
C10
560 pF
Capacitor ceramic, 50 V
Vishay, Panasonic
1
R9
300 kΩ
Resistor, 1/10 W, 1%, 0603, SMD
1
R5
91 kΩ
Resistor, 1/10 W, 1%, 0603, SMD
1
R2
45 kΩ
Resistor, 1/10 W, 1%, 0603, SMD
1
R3
10 kΩ
Resistor, 1/10 W, 1%, 0603, SMD
1
R7
50 kΩ
Resistor, 1/10 W, 1%, 0603, SMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com