Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2441ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2441ACPZ-R2
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2441ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADP2441
Data Sheet
Rev. A | Page 14 of 32
INTERNAL BLOCK DIAGRAM
VIN
POWER STAGE
UVLO
INTERNAL LDO
VCC
BST
STATE MACHINE GATE
CONTROL LOGIC
EN
+
1.25V
FB
ISS
+
+
–
VREF = 0.6V
SS/TRK
SW
PGND
NMOS
NMOS
SLOPE
COMPENSATION/
RAMP
GENERATOR
CURRENT-LIMIT
COMPARATOR
CURRENT SENSE
AMPLIFIER
REFERENCE
CURRENT
BAND GAP
REFERENCE
PWM
COMPARATOR
FREQ
OSC
HICCUP
TIMER
COMP
THRESHOLD
PULSE SKIP
ENABLE
CLOCK
ENABLE
VCC
COMP
1V
PWM
HICCUP
+
+
–
AGND
115% OF
FEEDBACK
PGOOD
VFB
86%OF
FEEDBACK
+
–
Figure 45. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com