Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2441ACPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP2441ACPZ-R2
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441ACPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP2441ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADP2441
Data Sheet
Rev. A | Page 24 of 32
Output Capacitor Selection
Select the output capacitor by using Equation 12 and Equation 13:
)
(
8
)
(
ESR
I
V
f
I
C
L
RIPPLE
SW
L
MIN
OUT
Equation 12 is based on the output voltage ripple (ΔVRIPPLE),
which is 1% of the output voltage.


DROOP
SW
STEP
OUT
MIN
OUT
V
f
I
C
3
)
(
)
(
Equation 13 calculates the capacitor selection based on the
transient load performance requirement of 2%. Perform these
calculations, and then use the equation that yields the larger
capacitor size to select a capacitor.
In this example, the values listed in Table 12 are substituted for
the variables in Equation 12 and Equation 13.
Table 12. Requirements
Parameter
Test Conditions/Comments
Value
Ripple Current
Fixed at 0.3 A for the ADP2441
0.3 A
Voltage Ripple
1% of VOUT
50 mV
Voltage Droop Due
to Load Transient
2% of VOUT
100 mV
ESR
5 mΩ
fSW
700 kHz
The calculation based on the output voltage ripple (see
Equation 12) dictates that the minimum output capacitance is
μF
1
.
1
)
mΩ
5
A
3
.
0
mV
50
(
kHz
700
8
A
3
.
0
)
(
MIN
OUT
C
whereas the calculation based on the transient load (see
Equation 13) dictates that the minimum output capacitance is
F
22
V
1
.
0
kHz
700
3
5
.
0
)
(
MIN
OUT
C
To meet both requirements, use the value determined by the
latter equation. As shown in Figure 57, capacitance degrades
with dc bias; therefore, choose a capacitor that is 1.5 times the
calculated value.
COUT = 1.5 × 22 μF = 32 μF
Compensation Selection
Calculate the compensation component values for the feedback
loop by using the following equations:
REF
OUT
OUT
CS
m
CROSSOVER
COMP
V
V
C
G
g
f
R
2
9
.
0
COMP
ZERO
COMP
R
f
C
2
1
Selecting the crossover frequency to be 1/12 of the switching
frequency and placing the zero frequency at 1/8 of the crossover
frequency ensures that there is enough phase margin in the system.
Table 13. Calculated Parameter Value
Parameter
Test Conditions/Comments
Value
fCROSSOVER
1/12 of fSW
58.3 kHz
fZERO
1/8 of fCROSSOVER
7.3 kHz
VREF
Fixed reference
0.6 V
gm
Transconductance of error
amplifier
250 μA/V
GCS
Current sense gain
2 A/V
COUT
Output capacitor
22 μF
VOUT
Output voltage
5 V
Based on the values listed in Table 13, calculate the compen-
sation value:
k
121
6
.
0
5
22
2
250
3
.
58
2
9
.
0
COMP
R
The closest standard resistor value is 118 kΩ. Therefore,
pF
180
pF
185
118
3
.
7
2
1
COMP
C
SYSTEM CONFIGURATION
Configure the system as follows:
1.
Connect a capacitor of 1 μF between the VCC and PGND
pins and another capacitor of 1 μF between the VCC and
AGND pins. For best performance, use ceramic X5R or
X7R capacitors with a 25 V voltage rating.
2.
Connect a ceramic capacitor of 10 nF with a 50 V voltage
rating between the BST and SW pins.
3.
Connect a resistor between the FREQ and AGND pins as
close as possible to the IC.
4.
If using the power-good feature, connect a pull-up resistor
of 50 kΩ to an external supply of 5 V.
5.
Connect a capacitor of 10 nF between the SS and AGND pins.
If the tracking feature is needed, connect a resistor divider
between the TRK pin and another supply, as shown in
Figure 50.
See Figure 60 for a schematic of this design example and Table 14
for the calculated component values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com