Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2441ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2441ACPZ-R2
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2441ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADP2441
Rev. A | Page 7 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
0
20
40
60
80
100
10
30
50
70
90
0.01
0.1
LOAD (A)
1
VIN = 5V
VIN = 24V
VOUT = 3.3V
fSW = 300kHz
COILCRAFT MSS1038
VIN = 12V
Figure 4. Efficiency vs. Load Current,
VOUT = 3.3 V, fSW = 300 kHz
0
20
40
60
80
100
10
30
50
70
90
0.01
0.1
1
LOAD (A)
VIN = 12V
VIN = 24V
VIN = 36V
VOUT = 5V
fSW = 300kHz
COILCRAFT MSS1038
Figure 5. Efficiency vs. Load Current,
VOUT = 5 V, fSW = 300 kHz
0
20
40
60
80
100
10
30
50
70
90
0.01
0.1
1
LOAD (A)
VIN = 24V
VIN = 36V
VOUT = 12V
fSW = 300kHz
COILCRAFT MSS1038
Figure 6. Efficiency vs. Load Current,
VOUT = 12 V, fSW = 300 kHz
0
20
40
60
80
100
10
30
50
70
90
0.01
0.1
1
LOAD (A)
VIN = 5V
VIN = 12V
VIN = 24V
VOUT = 3.3V
fSW = 700kHz
COILCRAFT MSS1038
Figure 7. Efficiency vs. Load Current,
VOUT = 3.3 V, fSW = 700 kHz
0
20
40
60
80
100
10
30
50
70
90
0.01
0.1
1
LOAD (A)
VIN = 12V
VIN = 36V
VOUT = 5V
fSW = 700kHz
COILCRAFT MSS1038
VIN = 24V
Figure 8. Efficiency vs. Load Current,
VOUT = 5 V, fSW = 700 kHz
0
20
40
60
80
100
10
30
50
70
90
0.01
0.1
1
LOAD (A)
VOUT = 12V
fSW = 600kHz
COILCRAFT MSS1038
VIN = 24V
VIN = 36V
Figure 9. Efficiency vs. Load Current,
VOUT = 12 V, fSW = 600 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com