Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2441ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2441ACPZ-R2
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADP2441ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADP2441
Data Sheet
Rev. A | Page 4 of 32
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER GOOD
PGOOD High, FB Rising Threshold5
89
92
95
%
PGOOD Low, FB Rising Threshold5
111
115
118
%
PGOOD High, FB Falling Threshold5
106
109
112
%
PGOOD Low, FB Falling Threshold5
83
86
89
%
PGOOD
Delay
tPGOOD
50
μs
High Leakage Current
IPGOOD(SRC)
VPGOOD = VCC
1
10
μA
Pull-Down Resistor
IPGOOD(SNK)
FB = 0 V
0.5
0.7
TRK
TRK Input Voltage Range
0
600
mV
TRK to FB Offset Voltage
TRK = 0 mV to 500 mV
10
mV
1 Guaranteed by design.
2 Measured between VIN and SW pins—includes bond wires and pin resistance.
3 Based on bench characterization. Measured with VIN = 12 V, VOUT = 1.2 V, load = 1 A, fSW = 1 MHz, and the output in regulation. Measurement does not include dead time.
4 Based on bench characterization. Measured with VIN = 15 V, VOUT = 12 V, load = 1 A, fSW = 600 kHz, and the output in regulation. Measurement does not include dead time.
5 This threshold is expressed as a percentage of the nominal output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com