Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2441ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2441ACPZ-R2
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2441ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADP2441ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADP2441
Data Sheet
Rev. A | Page 18 of 32
APPLICATIONS INFORMATION
SELECTING THE OUTPUT VOLTAGE
The output voltage is set using a resistor divider connected between
the output voltage and the FB pin (see Figure 54). The resistor
divider divides down the output voltage to the 0.6 V FB regulation
voltage. The output voltage can be set to as low as 0.6 V and as
high as 90% of the power input voltage.
The ratio of the resistive voltage divider sets the output voltage,
and the absolute value of the resistors sets the divider string
current. For lower divider string currents, the small 50 nA
(0.1 μA maximum) FB bias current should be taken into
account when calculating the resistor values. The FB bias
current can be ignored for a higher divider string current;
however, using small feedback resistors degrades efficiency at
very light loads.
To limit degradation of the output voltage accuracy due to FB
bias current to less than 0.005% (0.5% maximum), ensure that
the divider string current is greater than 20 μA. To calculate the
desired resistor values, first determine the value of the bottom
resistor, RBOTTOM, as follows:
STRING
REF
BOTTOM
I
V
R
(2)
where:
VREF
is the internal reference and equals 0.6 V.
ISTRING
is the resistor divider string current.
Then calculate the value of the top resistor, RTOP, as follows:


REF
REF
OUT
BOTTOM
TOP
V
V
V
R
R
(3)
ADP2441
FB
RTOP
RFREQ
CSS
VOUT
RBOTTOM
PGOOD
EXTERNAL
SUPPLY
FREQ
SS/TRK
Figure 54. Voltage Divider
Table 5. Output Voltage Selection
Voltage (V)
RTOP (kΩ)
RBOTTOM (kΩ)
12
190
10
5
73
10
3.3
45
10
1.2
10
10
SETTING THE SWITCHING FREQUENCY
The choice of the switching frequency depends on the required
dc-to-dc conversion ratio and is limited by the minimum and
maximum controllable duty cycle, as shown in Figure 55. This is
due to the requirement of minimum on time and minimum off
time for current sensing and robust operation. However, the
choice is also influenced by whether there is a need for small
external components. For example, for small, area limited
power solutions, higher switching frequencies are required.
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
1200
FREQUENCY (kHz)
DMAX
DMIN
Figure 55. Duty Cycle vs. Switching Frequency
Calculate the value of the frequency resistor using the following
equation:
SW
FREQ
f
R
500
,
92
(4)
where RFREQ is in kΩ, and fSW is in kHz.
Table 6 and Figure 56 provide examples of frequency resistor
values, which are based on the switching frequency.
Table 6. Frequency Resistor Selection
RFREQ (kΩ)
Frequency
308
300 kHz
132
700 kHz
92.5
1 MHz
200
300
400
500
600
700
800
900
1000
1100
1200
50
100
150
200
250
300
350
RESISTANCE (kΩ)
Figure 56. Frequency vs. Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com