Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6283 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6283
Description  IC FOR 1.5625 MHz ??40.0000 MHz VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6283 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6283 Datasheet HTML 1Page - Micro Analog systems MAS6283 Datasheet HTML 2Page - Micro Analog systems MAS6283 Datasheet HTML 3Page - Micro Analog systems MAS6283 Datasheet HTML 4Page - Micro Analog systems MAS6283 Datasheet HTML 5Page - Micro Analog systems MAS6283 Datasheet HTML 6Page - Micro Analog systems MAS6283 Datasheet HTML 7Page - Micro Analog systems MAS6283 Datasheet HTML 8Page - Micro Analog systems MAS6283 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DA6283.002
11 November, 2010
2/13
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Note
Supply Voltage
VDD - VSS
-0.3
6.0
V
Input Pin Voltage
VSS -0.3
VDD + 0.3
V
Power Dissipation (max)
PMAX
100
mW
Storage Temperature
TST
-55
150
oC
Latchup Current Limit
ILUT
±100
mA
1)
Note: Stresses beyond the values listed may cause a permanent damage to the device. The device may not
operate under these conditions, but it will not be destroyed
Note: This is a CMOS device and therefore it should be handled carefully to avoid any damage by static
voltages (ESD).
Note 1: Not valid for pins XIN and XOUT.
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
2.5
3.3
5.5
V
1)
Operating Temperature
TOP
-40
+85
oC
Crystal RS
RS
30
60
2)
Note 1: It is recommended to connect a 1 nF SMD capacitor between the VDD and VSS pins. Assure that
capacitor resonance frequency is high enough to filter 3
rd harmonic.
Note 2: See figure 5 for negative resistance at different frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com