Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6283 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6283
Description  IC FOR 1.5625 MHz ??40.0000 MHz VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6283 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6283 Datasheet HTML 1Page - Micro Analog systems MAS6283 Datasheet HTML 2Page - Micro Analog systems MAS6283 Datasheet HTML 3Page - Micro Analog systems MAS6283 Datasheet HTML 4Page - Micro Analog systems MAS6283 Datasheet HTML 5Page - Micro Analog systems MAS6283 Datasheet HTML 6Page - Micro Analog systems MAS6283 Datasheet HTML 7Page - Micro Analog systems MAS6283 Datasheet HTML 8Page - Micro Analog systems MAS6283 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DA6283.002
11 November, 2010
4/13
PIN DESCRIPTION
Pin Description
Symbol
x-coordinate
y-coordinate
Crystal Oscillator Output
XOUT
214
141
Voltage Control Input
VC
885
142
Power Supply Ground
VSS
1080
141
Buffer Output
OUT
1106
699
Power Supply Voltage
VDD
579
698
Output Buffer Power Down Control
XPD
339
698
Crystal/Varactor Oscillator Input
XIN
153
698
Note: Because the substrate of the die is internally connected to VSS, the die has to be connected to VSS or left
floating. Please make sure that VSS is the first pad to be bonded. Pick-and-place and all component assembly
are recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location. However, the distances between pads are
accurate.
IC OUTLINES
1260 um
840 um
Die Map Reference
XIN
VDD
VC
XOUT
XPD
OUT
VSS
MAS6283
Figure 2. IC outline of MAS6283.
Note1: Die map reference is the actual left bottom corner of the sawn chip.
Note2: See coordinates in pin description.
Note3: Die dimensions include 80 µm scribes for both sides. The actual dimensions are a bit less due to the saw
width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com