Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6283 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6283
Description  IC FOR 1.5625 MHz ??40.0000 MHz VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6283 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6283 Datasheet HTML 1Page - Micro Analog systems MAS6283 Datasheet HTML 2Page - Micro Analog systems MAS6283 Datasheet HTML 3Page - Micro Analog systems MAS6283 Datasheet HTML 4Page - Micro Analog systems MAS6283 Datasheet HTML 5Page - Micro Analog systems MAS6283 Datasheet HTML 6Page - Micro Analog systems MAS6283 Datasheet HTML 7Page - Micro Analog systems MAS6283 Datasheet HTML 8Page - Micro Analog systems MAS6283 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DA6283.002
11 November, 2010
5/13
EXTERNAL COMPONENT SELECTION
Quartz Crystal and VCXO Module Information
To ensure the best system performance, the crystal
parameters should be considered carefully. Pulling
is an important parameter which can be calculated
according to an equation 1. Layout guidelines in the
following section should be followed. The frequency
of the crystal is tuned by load capacitors. There are
integrated variable load capacitors on the MAS6283
and they are controlled by an external voltage at the
VC pin. It is recommended to connect a 1 nF
capacitor between VDD and VSS. The external
crystal should be located as close to the chip as
possible. In case of a PCB mounted module, it is
usually advisable to mount a crystal on the same
side
with
the
VCXO
IC
to
minimize
stray
capacitance. Often vias between the crystal pins
and the XIN and XOUT pins of the VCXO IC
increase stray capacitance. There should be no
noisy signal traces underneath or close to the
crystal.
Equation 1
Crystal Pulling Sensitivity
pF
ppm
C
C
C
S
L
6
2
0
1
10
)
(
2
+
=
[values are given in the units described below]
Where,
CL = Load capacitance in series with the crystal
C0 = Shunt capacitance of the crystal
C1 = Motional capacitance of the crystal
Example 1
If we choose a crystal with the following values
CL = 8.0 pF,
C0 = 2.0 pF,
C1 = 6.7 fF
the equation 1 yields
(
)
pF
ppm
S
5
.
33
10
10
0
.
8
10
0
.
2
2
10
7
.
6
6
2
12
12
15
=
×
+
×
×
=
If a crystal load differs from 8 pF the oscillator will have frequency offset at VC = 1.65 V. Thus if you need to use
1.65 V VC voltage with a crystal which CL is other than 8 pF you have to design the crystal for a specific nominal
frequency. The following guidelines show how to define the crystal’s nominal frequency.
Separate crystal CL as CL_XTAL and MAS IC CL as CL_IC.
To define specific nominal frequency for the crystal first calculate load difference ∆CL [pF] as in an equation 2.
Equation 2
XTAL
L
IC
L
L
C
C
C
_
_
=
Calculate frequency difference ∆f [ppm] as in an equation 3. Pulling S comes from the equation 1.
Equation 3
S
C
f
L ×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com