Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6283 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6283
Description  IC FOR 1.5625 MHz ??40.0000 MHz VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6283 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6283 Datasheet HTML 1Page - Micro Analog systems MAS6283 Datasheet HTML 2Page - Micro Analog systems MAS6283 Datasheet HTML 3Page - Micro Analog systems MAS6283 Datasheet HTML 4Page - Micro Analog systems MAS6283 Datasheet HTML 5Page - Micro Analog systems MAS6283 Datasheet HTML 6Page - Micro Analog systems MAS6283 Datasheet HTML 7Page - Micro Analog systems MAS6283 Datasheet HTML 8Page - Micro Analog systems MAS6283 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DA6283.002
11 November, 2010
3/13
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Crystal Frequency Range
fc
25
40
MHz
1)
Output Frequency Range
fo
25
40
MHz
2)
Output Frequency Range
fo
1.5625
20
MHz
3)
Voltage Control Range
VC
0
VDD
V
Voltage Control impedance
ZVC
1.2
M
Supply Current
VDD = 3.3V, fc = 35 MHz
IDD
No Load
CLOUT = 10 pF
CLOUT = 30 pF
CLOUT = 50 pF
2.0
9.3
23.8
38.3
mA
Supply Current
VDD = 5.0V, fc = 35 MHz
IDD
No Load
CLOUT = 10 pF
CLOUT = 30 pF
CLOUT = 50 pF
3.0
14.0
36.0
58.0
mA
Supply Current XPD = 0 V
IXPD
VDD = 3.3 V
VDD = 5.0 V
0.9
0.9
1.5
1.7
mA
Output Symmetry
45
48-52
55
%
Startup Time
TSTART
2
ms
Output Buffer
Enabled
Disabled
XPD
1.6
0
VDD
0.55
V
4)
Crystal Load Capacitance
CL
VC = 1.65 V
8
pF
5)
Pulling Range
0.0V < VC < 5.0V
Crystal S=
30 ppm/pF
285
ppm
6)
Note 1: Crystal frequency can be divided by 2, 4, 8 and 16.
Note 2: Direct output.
Note 3: Depending on chosen output divider.
Note 4: If the XPD pin is floating the output buffer is active. Oscillator is always running. At power down mode
the output is at high impedance.
Note 5: Crystal load capacitance is dependent on a VC voltage. See figure 4 for CL for other VC voltages.
Note 6: For calculating crystal pulling (S), see equation 1 on the page 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com