Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6283 Datasheet(PDF) 13 Page - Micro Analog systems

Part # MAS6283
Description  IC FOR 1.5625 MHz ??40.0000 MHz VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6283 Datasheet(HTML) 13 Page - Micro Analog systems

Back Button MAS6283 Datasheet HTML 5Page - Micro Analog systems MAS6283 Datasheet HTML 6Page - Micro Analog systems MAS6283 Datasheet HTML 7Page - Micro Analog systems MAS6283 Datasheet HTML 8Page - Micro Analog systems MAS6283 Datasheet HTML 9Page - Micro Analog systems MAS6283 Datasheet HTML 10Page - Micro Analog systems MAS6283 Datasheet HTML 11Page - Micro Analog systems MAS6283 Datasheet HTML 12Page - Micro Analog systems MAS6283 Datasheet HTML 13Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DA6283.002
11 November, 2010
13/13
ORDERING INFORMATION
Product Code
Output
Frequency
Package
MAS6283AATG00
fc
EWS tested wafers 215 µm
MAS6283AASN06
fc
MSOP-8, T&R 5000 pcs / r, Pb free RoHS
MAS6283ABTG00
fc / 2
EWS tested wafers 215 µm
MAS6283ACTG00
fc / 4
EWS tested wafers 215 µm
MAS6283AETG00
fc / 16
EWS tested wafers 215 µm
Contact Micro Analog Systems Oy for divider options.
Contact Micro Analog Systems Oy for other wafer thickness.
N The formation of product code
Product name
Design
version
Output
frequency
Package type
Delivery format
MAS6283
A
A = fc
TG = 215 µm thick EWS tested wafer
00 = tested wafer
B = fc / 2
SN = MSOP Pb free RoHS
06 = tape & reel
C = fc / 4
E = fc / 16
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kutomotie 16
FI-00380 Helsinki, FINLAND
Tel. +358 10 835 1100
Fax +358 10 835 1119
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits
shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no
claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and
Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or
modification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com