Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6283 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS6283
Description  IC FOR 1.5625 MHz ??40.0000 MHz VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6283 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS6283 Datasheet HTML 2Page - Micro Analog systems MAS6283 Datasheet HTML 3Page - Micro Analog systems MAS6283 Datasheet HTML 4Page - Micro Analog systems MAS6283 Datasheet HTML 5Page - Micro Analog systems MAS6283 Datasheet HTML 6Page - Micro Analog systems MAS6283 Datasheet HTML 7Page - Micro Analog systems MAS6283 Datasheet HTML 8Page - Micro Analog systems MAS6283 Datasheet HTML 9Page - Micro Analog systems MAS6283 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DA6283.002
11 November, 2010
6/13
The crystal nominal frequency fNOM_XTAL is calculated, as shown in an equation 4.
Equation 4
∆
+
×
=
6
_
10
1
f
f
f
NOM
XTAL
NOM
Where,
fNOM = Desired nominal frequency of the VCXO module
fNOM_XTAL = Crystal nominal frequency (without MAS IC load capacitance)
Crystal nominal frequency optimization is calculated in an example 2.
Example 2
VCXO module target frequency fNOM is 35 MHz. Crystal characteristics are crystal load CL_XTAL = 12.5 pF and
pulling S = 30 ppm/pF.
MAS6283 CL_IC = 8 pF when VC = 1.65 V.
Calculate load difference ∆CL according to the equation 2.
pF
pF
pF
C
C
C
XTAL
L
IC
L
L
5
.
4
5
.
12
8
_
_
−
=
−
=
−
=
∆
Calculate frequency difference ∆f according to the equation 3.
ppm
pF
ppm
pF
S
C
f
L
135
30
5
.
4
−
=
×
−
=
×
∆
=
∆
Now fNOM = 35 MHz.
According to the equation 4
Hz
f
f
f
NOM
XTAL
NOM
34995275
10
135
1
10
35
10
1
6
6
6
_
=
−
+
×
×
=
∆
+
×
=
The specified crystal has to have a nominal frequency of 34.995275 MHz without load capacitance. This offset is
compensated with 8 pF load capacitance though a crystal CL = 12.5 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com