Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5372 Datasheet(PDF) 18 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 18 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 18Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 19Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 20Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 21Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 22Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.3
18
Data Transmission Read Format in the ACE5372
The ACE5372 allows the following three readout methods of data from an internal register.
I) The first method to reading data from the named internal address
A)The first three steps are the same as write model
B)After one bit ACK signal, a new start signal will be produced to change the direction of data
transmission in INTERFACE connection.
C)Then send 7 address bit(0110010), the eighth bit command is “1”, ACE5372 is under data reading
condition.
D) After another bit’s ACK signal, it starts reading data normally.
E)When a byte data is read and CPU sends 1 bit ACK signal, a next byte data can be read. Only when
the 1 bit ACK signal which is sent by CPU is high voltage, can the reading operation be stopped and
then CPU sends stop signals.
Example 1 of data read (when data is read from 7H to 9H)
CPU to ACE5372
ACE5372 to CPU
Acknowledge signal
Start signal
Stop signal
Repeat Start signal
Inform ACE5372 to stop read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com