Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5372 Datasheet(PDF) 24 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 24 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 20Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 21Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 22Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 23Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 24Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 25Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 26Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 27Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 28Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.3
24
Periodic (Clock) Interrupt
The
INTRA (INTRB) pin output, the periodic interrupt cycle select bits (CT2, CT1, CT0) and the
interrupt output select bits (SL2, SL1) can be used to interrupt the CPU in a certain cycle. The periodic
interrupt cycle select bits can be used to select either one of two interrupt output modes: the pulse mode
and the level mode.
1) Pulse mode:
Output 2Hz, 1Hz clock pulses. For relationships with counting up of seconds see the
diagram below.
In the 2Hz clock pulse mode, 0.496s clock pulses and 0.504s clock pulse are output
alternatively.
Duty cycle for 1Hz clock pulses becomes 50.4%.
2)
Level mode: One second, one minute one month may be selected for an interrupt cycle.
Counting up of seconds is matched with falling edge of interrupt output.
3) When the time trimming circuit is used, periodic interrupt cycle changes every 20 seconds.
Pulse mode: “L” duration of output pulses may change in the maximum range of ±3.784ms
(±3.875ms when 32KHz crystal is used)
CT2
CT1
CT0
Description
Wave Form Mode
Cycle and INTRA(INTRB) Falling Timing
0
0
0
-
INTRA(INTRB)OFF (Default)
0
0
1
-
INTRA(INTRB)
fixed at “L”
0
1
0
Pulse Mode
2Hz (Duty 50%)
0
1
1
Pulse Mode
1Hz (Duty 50%)
1
0
0
Level Mode
Every second (coincident with second count-up)
1
0
1
Level Mode
Every minute (00 second of every minute)
1
1
0
Level Mode
Every hour (00minute 00second of every hour)
1
1
1
Level Mode
Every month (1st day, 00:00:00 a.m.of every month)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com