Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5372 Datasheet(PDF) 14 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 14 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 18Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.3
14
This bit is set to “1” when periodic interrupt pulses are output (
INTRA or INTRB= “L”).
The CTFG bit may be set only to “0” in the interrupt level mode. Setting this bit to “0” sets either
the
INTRA or theINTRB to OFF (“H”). When this bit is set to “1” nothing happens.
AAFG, BAFG
ALARM-A, ALARM-B Flag Bit
ALARM-A,ALARM-B
Description
Operation
0
Unmatched alarm register with clock counter
Default
1
Matched alarm register with clock counter
*
The alarm interruption is enabled only when the AALE, BALE bits are set to “1”. This bit turns to “1”
when matched time is sensed for each alarm.
*
The AAFG, BAFG bit may be set only to “0”. Setting this bit to “0” sets either the
INTRA or the
 INTRB to the OFF “H”. When this bit is set to “1” nothing happens.
When the AALE, BALE bit is set to “0”, alarm operation is disabled and “0” is read from the AAFG, BAFG
bit.
Output Relationships Between AAFG(BAFG)Bit and
INTRA(INTRB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com