Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5372 Datasheet(PDF) 27 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 27 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 23Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 24Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 25Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 26Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 27Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 28Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 29Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 30Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 31Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.3
27
input filter
Absolute Maximum Ratings
Typical Applications
Example of Circuit
ACE5372
ACE5372
(A)
(B)
1.Mount the high-and low-frequency by-pass capacitors C0 and C1 (TYP. C1=10uF, C2=0.1uF)
2.The typical volume of pull-up resistance R0~R3 is
10KΩ
3.
BATT and VCC’s Voltage: V
BATT≤VVCC
4.Connect the pull-up resistor of the INTRA pin or the INTRB pin to two different positions depending
battery back-up:
Symbol
Item
Conditions
Ratings
Unit
VDD
Supply Voltage
-0.3 to +7.0
V
VI
Input Voltage
SCL,SDA
-0.3 to +7.0
V
VO1
Output Voltage 1
SDA
-0.3 to +7.0
V
VO2
Output Voltage 2
INTRA, INTRB
-0.3 to +12.0
V
TOPT
Operating Temperature
-40 to +85
℃
TSTG
Storage Temperature
-55 to +125
℃
ACE5372
ACE5372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com