Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5372 Datasheet(PDF) 20 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 20 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 18Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 19Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 20Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 21Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 22Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 23Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 24Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.3
20
The user shall always be able to access the real-time clock as long as the following two conditions are
met.
1) No stop condition shall be generated until clock read/write is started and completed.
2) One cycle read/write operation shall be completed within 0.5 seconds.
Bad example of reading from seconds to hours (invalid read)
(Start condition) → (Read of seconds) → (Read of minutes) → (Stop condition) → (Start condition) →
(Read of hour) → (Stop condition)
Assuming read was started at 09:59:59PM, and while reading seconds and minutes the time
advanced to 10:00:00 PM. At this time second digit is hold so the read as 59:59. ACE5372
confirms (Stop condition) and carry second digit being hold and the time changes to 10:00:00 PM.
Then, when the hour digit is read, it changes to 10. The wrong results of 10:59:59 will be read.
Configuration of Oscillating Circuit and Time Trimming Circuit
a)In general crystal oscillators are classified by their central frequency of CL (load capacitance) and
available further grouped in several ranks as ±10,±20 and ±50ppm of fluctuations in precision.
b)The fluctuation of IC circuit frequency is ±5~10ppm at room temperature.
c)Here, the clock accuracy at room temperature varies along with the variation of the characteristic of
crystal oscillator.
Configuration of Oscillating Circuit
Because the adjustment of crystal oscillator frequency is also the adjustment of clock frequency, so the
former adjustment can be done through CIN & COUT on the both sides of crystal.
ACE5372 clock cooperates with CIN & COUT, so oscillator frequency can be referred to crystal CL.
General, relation between CL and CIN or COUT is as follows:
CS:Board floating capacitance
If crystal oscillator frequency is on the higher side, the CL should be decreased, contrarily, the CL should
be increased.
Cs
Cout
Cin
Cout
Cin
Cl
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com