Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5372 Datasheet(PDF) 23 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 23 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 19Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 20Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 21Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 22Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 23Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 24Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 25Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 26Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 27Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.3
23
Control of the
INTRA (INTRB) Output (flag bit, enable bit, interrupt output select bit)
Of the three output wave forms listed above, interrupt output conditions may be set by setting the flag bit
that monitors output state on the register, the enable bit that enables an output wave form and the output
select bit that selects either
INTRA or INTRB to be output.
Flag bit
Enable bit
Interrupt output select bit (SL2,SL1)
(D5,D4 at EH)
(0,0) (0,1) (1,0) (1,1)
Alarm_A
AAFG
(D1 at
FH)
AALE
(D7 at EH)
INTRA
INTRA
INTRA
INTRA
Alarm_B
BAFG
(D0 at
FH)
BALE
(D6 at EH)
INTRA
INTRB
INTRA
INTRB
Periodic interrupt
CTFG
(D2 at
FH)
Disabled at
CT2=CT1=CT0=0
(D2 to D0 at EH)
INTRA
INTRA
INTRB
INTRB
32KHz clock
output
NO
CLEN
(D3 at FH)
INTRB
INTRB
INTRB
INTRB
* When power ON (XSTP=1) since AALE=BALE=CT2=CT1=CT0=
CLEN=SL2=SL1=0, INTRA=OFF
(“H”) and 32KHz clock pulses are output from the
INTRB pin.
When more than one output waveforms are output from a single output pin, the output will have OR
wave form of negative logic of both.
Alarm Interrupt
For setting an alarm time, designated time such as day-of-the-week, hour or minute should be set to the
alarm registers being AALE(BALE)bit to 0. After that set the AALE(BALE) bit to 1, from this moment
onward when such registered alarm time coincide the value of calendar counter the
INTRA (INTRB)
comes down to “L” (ON). The
INTRA (INTRB) output can be controlled by operating to the AALE (BALE)
and AAFG (BAFG) bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com