Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8934A Datasheet(PDF) 19 Page - Active-Semi, Inc

Part # ACT8934A
Description  Advanced PMU for Samsung S3C2416/S3C2450
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8934A Datasheet(HTML) 19 Page - Active-Semi, Inc

Back Button ACT8934A Datasheet HTML 15Page - Active-Semi, Inc ACT8934A Datasheet HTML 16Page - Active-Semi, Inc ACT8934A Datasheet HTML 17Page - Active-Semi, Inc ACT8934A Datasheet HTML 18Page - Active-Semi, Inc ACT8934A Datasheet HTML 19Page - Active-Semi, Inc ACT8934A Datasheet HTML 20Page - Active-Semi, Inc ACT8934A Datasheet HTML 21Page - Active-Semi, Inc ACT8934A Datasheet HTML 22Page - Active-Semi, Inc ACT8934A Datasheet HTML 23Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
ACT8934A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 19 -
www.active-semi.com
ActivePath
TM CHARGER ELECTRICAL CHARACTERISTICS CONT’D
(VCHGIN = 5.0V, TA = 25°C, unless otherwise specified.)
: RISET (kΩ) = 2336 × (1V/ICHG (mA)) - 0.205
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHARGER
BAT Reverse Leakage Current
VCHGIN = 0V, VBAT = 4.2V, IVSYS = 0mA
8
µA
BAT to VSYS On-Resistance
70
mΩ
ISET Pin Voltage
Fast Charge
1.2
V
Precondition
0.13
Charge Termination Voltage
VTERM
TA = -20°C to 70°C
4.179
4.2
4.221
V
TA = -40°C to 85°C
4.170
4.2
4.230
Charge Current
VBAT = 3.8V
RISET = 6.8K
ACIN = VSYS, CHGLEV = VSYS
-10%
ICHG1
+10%
mA
ACIN = VSYS, CHGLEV = GA
-10%
ICHG/5
+10%
ACIN = GA, CHGLEV = VSYS
400
450
500
ACIN = GA, CHGLEV = GA
80
90
100
Precondition Charge Current
VBAT = 2.7V
RISET = 6.8K
ACIN = VSYS, CHGLEV = VSYS
10% ICHG
mA
ACIN = VSYS, CHGLEV = GA
10% ICHG
ACIN = GA, CHGLEV = VSYS
45
ACIN = GA, CHGLEV = GA
45
Precondition Threshold Voltage VBAT Voltage Rising
2.75
2.85
3.0
V
Precondition Threshold
Hysteresis
VBAT Voltage Falling
150
mV
END-OF-CHARGE Current
Threshold
VBAT = 4.15V
ACIN = VSYS, CHGLEV = VSYS
10% ICHG
ACIN = VSYS, CHGLEV = GA
10% ICHG
Charge Restart Threshold
VTERM - VBAT, VBAT Falling
190
205
220
mV
Precondition Safety Timer
PRETIMO[ ] = 10
80
min
Total Safety Timer
TOTTIMO[ ] = 10
5
hr
Thermal Regulation Threshold
100
°C
mA
ACIN = GA, CHGLEV = GA
45
ACIN = GA, CHGLEV = VSYS
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com