Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8934A Datasheet(PDF) 28 Page - Active-Semi, Inc

Part # ACT8934A
Description  Advanced PMU for Samsung S3C2416/S3C2450
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8934A Datasheet(HTML) 28 Page - Active-Semi, Inc

Back Button ACT8934A Datasheet HTML 24Page - Active-Semi, Inc ACT8934A Datasheet HTML 25Page - Active-Semi, Inc ACT8934A Datasheet HTML 26Page - Active-Semi, Inc ACT8934A Datasheet HTML 27Page - Active-Semi, Inc ACT8934A Datasheet HTML 28Page - Active-Semi, Inc ACT8934A Datasheet HTML 29Page - Active-Semi, Inc ACT8934A Datasheet HTML 30Page - Active-Semi, Inc ACT8934A Datasheet HTML 31Page - Active-Semi, Inc ACT8934A Datasheet HTML 32Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
ACT8934A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 28 -
www.active-semi.com
nPBIN
ACT8936
Manual
Reset
Push-Button
nPBSTAT
Manual
Reset
Detect
Push-
Button
Detect
To CPU
VSYS
OUT1
50kΩ
ACT8934A
Table 5:
Control Pins
PIN NAME
OUTPUT
nPBIN
REG1, REG2, REG5
PWRHLD
REG1, REG2, REG5
PWREN
REG3, REG4
Table 4:
ACT8934A and Samsung S3C2416/S3C2450 Signal Interface
1
: Optional connection for DVS control.
2
,
: Typical connections shown, actual connections may vary.
: Optional connection for power hold control.
Control Signals
Enable Inputs
The ACT8934A features a variety of control inputs,
which are used to enable and disable outputs
depending upon the desired mode of operation.
PWRHLD is a logic inputs, while nPBIN is a unique,
multi-function input. Refer to Table 5 for a
description of which channels are controlled by
each input.
nPBIN Multi-Function Input
ACT8934A features the nPBIN multi-function pin,
which combines system enable/disable control with
a hardware reset function. Select either of the two
pin functions by asserting this pin, either through a
direct connection to GA, or through a 50kΩ resistor
to GA, as shown in Figure 2.
Warm/Cold Manual Reset Function
The second major function of the nPBIN input is to
provide warm and cold manual reset function. To
manually reset the processor, drive nPBIN directly
to GA through a low impedance (less than 2.5kΩ).
An internal timer detects the duration of the manual
reset event.
Short Press/Warm Reset
When the manual reset button is pressed for less
than 130ms, ACT8934A commences a warm reset
operation where nRSTO immediately asserts low,
then remains asserted low until the manual reset
button is released for 130ms.
Long Press / Cold Reset (Power Cycle)
When the manual reset button is pressed for more
than 130ms, ACT8934A commences a power cycle
routine in which case all regulators are turned off
and then turned back on after reset button is
released with all the registers reloaded to default
values. When the ACT8934A turns on again, it
stays enabled for 260ms, the PWRHLD need to be
asserted during this time so that the system
remains
powered,
otherwise
the
ACT8934A
automatically shuts down.
Figure 2:
nPBIN Input
ACT8934A
DIRECTION
SAMSUNG S3C2416/S3C2450
PWREN
PWR_EN
SCL
IICSCL
SDA
IICSDA
VSEL
DVS_GPIO
nRSTO
nRESET
nIRQ
EINT0
nPBSTAT
EINT1
nLBO
nBATT_FLT
PWRHLD
Power hold GPIO
: For ACT8934AQJ3XX and ACT8934AQJ4XX, asserting nPBIN or PWRHLD also enables REG6 and REG7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com