Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8934A Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT8934A
Description  Advanced PMU for Samsung S3C2416/S3C2450
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8934A Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT8934A Datasheet HTML 9Page - Active-Semi, Inc ACT8934A Datasheet HTML 10Page - Active-Semi, Inc ACT8934A Datasheet HTML 11Page - Active-Semi, Inc ACT8934A Datasheet HTML 12Page - Active-Semi, Inc ACT8934A Datasheet HTML 13Page - Active-Semi, Inc ACT8934A Datasheet HTML 14Page - Active-Semi, Inc ACT8934A Datasheet HTML 15Page - Active-Semi, Inc ACT8934A Datasheet HTML 16Page - Active-Semi, Inc ACT8934A Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
ACT8934A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 13 -
www.active-semi.com
REGISTER AND BIT DESCRIPTIONS CONT’D
OUTPUT
ADDRESS
BIT
NAME
ACCESS
DESCRIPTION
APCH
0x70
[7:0]
-
R
Reserved.
APCH
0x71
[7]
SUSCHG
R/W
Charge Suspend Control Input. Set bit to 1 to suspend
charging, clear bit to 0 to allow charging to resume.
APCH
0x71
[6]
-
R/W
Reserved.
APCH
0x71
[5:4]
TOTTIMO
R/W
Total Charge Time-out Selection. See the Charge Safety
Timers
section for more information.
APCH
0x71
[3:2]
PRETIMO
R/W
Precondition Charge Time-out Selection. See the Charge
Safety Timers
section for more information.
APCH
0x71
[1:0]
OVPSET
R/W
Input Over-Voltage Protection Threshold Selection. See the
Input Over-Voltage Protection
section for more information.
APCH
0x78
[7]
TIMRSTAT1
R/W
Charge Time-out Interrupt Status. Set this bit with
TIMRPRE[ ] and/or TIMRTOT[ ] to 1 to generate an interrupt
when charge safety timers expire, read this bit to get charge
time-out interrupt status. See the Charge Safety Timers
section for more information.
APCH
0x78
[6]
TEMPSTAT1
R/W
Battery Temperature Interrupt Status. Set this bit with
TEMPIN[ ] and/or TEMPOUT[ ] to 1 to generate an interrupt
when a battery temperature event occurs, read this bit to get
the battery temperature interrupt status. See the Battery
Temperature Monitoring
section for more information.
APCH
0x78
[5]
INSTAT
R/W
Input Voltage Interrupt Status. Set this bit with INCON[ ] and/
or INDIS[ ] to generate an interrupt when UVLO or OVP
condition occurs, read this bit to get the input voltage
interrupt status. See the Charge Current Programming
section for more information.
APCH
0x78
[4]
CHGSTAT1
R/W
Charge State Interrupt Status. Set this bit with
CHGEOCIN[ ] and/or CHGEOCOUT[ ] to 1 to generate an
interrupt when the state machine gets in or out of EOC state,
read this bit to get the charger state interrupt status. See the
State Machine Interrupts
section for more information.
APCH
0x78
[3]
TIMRDAT1
R
Charge Timer Status. Value is 1 when precondition time-out
or total charge time-out occurs. Value is 0 in other case.
APCH
0x78
[2]
TEMPDAT1
R
Temperature Status. Value is 0 when battery temperature is
outside of valid range. Value is 1 when battery temperature
is inside of valid range.
APCH
0x78
[1]
INDAT
R
Input Voltage Status. Value is 1 when a valid input at
CHGIN is present. Value is 0 when a valid input at CHGIN is
not present.
APCH
0x78
[0]
CHGDAT1
R
Charge State Machine Status. Value is 1 indicates the
charger state machine is in EOC state, value is 0 indicates
the charger state machine is in other states.
APCH
0x79
[7]
TIMRTOT
R/W
Total Charge Time-out Interrupt control. Set both this bit and
TIMRSTAT[ ] to 1 to generate an interrupt when a total
charge time-out occurs. See the Charge Safety Timers
section for more information.
APCH
0x79
[6]
TEMPIN
R/W
Battery Temperature Interrupt Control. Set both this bit and
TEMPSTAT[ ] to 1 to generate an interrupt when the battery
temperature goes into the valid range. See the Battery
Temperature Monitoring
section for more information.
APCH
0x79
[5]
INCON
R/W
Input Voltage Interrupt Control. Set both this bit and
INSTAT[ ] to 1 to generate an interrupt when CHGIN input
voltage goes into the valid range. See the Charge Current
Programming
section for more information.
: Valid only when CHGIN UVLO Threshold<VCHGIN<CHGIN OVP Threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com