Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8934A Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8934A
Description  Advanced PMU for Samsung S3C2416/S3C2450
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8934A Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8934A Datasheet HTML 1Page - Active-Semi, Inc ACT8934A Datasheet HTML 2Page - Active-Semi, Inc ACT8934A Datasheet HTML 3Page - Active-Semi, Inc ACT8934A Datasheet HTML 4Page - Active-Semi, Inc ACT8934A Datasheet HTML 5Page - Active-Semi, Inc ACT8934A Datasheet HTML 6Page - Active-Semi, Inc ACT8934A Datasheet HTML 7Page - Active-Semi, Inc ACT8934A Datasheet HTML 8Page - Active-Semi, Inc ACT8934A Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
ACT8934A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 4 -
www.active-semi.com
PIN CONFIGURATION
TOP VIEW
Thin - QFN (TQFN55-40)
ORDERING INFORMATION
PART NUMBER
VOUT1/VSTBY1 VOUT2/VSTBY2 VOUT3/VSTBY3 VOUT4 VOUT5 VOUT6 VOUT7 PACKAGE PINS
TEMPERATURE
RANGE
ACT8934AQJ133-T 3.3V/3.3V
1.8V/1.8V
1.3V/1.3V 1.2V 1.2V 1.2V 3.3V TQFN55-40 40
-40°C to +85°C
ACT8934AQJ258-T 3.3V/3.3V
1.8V/1.8V 1.25V/1.25V 1.2V 1.2V 1.2V 3.3V TQFN55-40 40
-40°C to +85°C
ACT8934AQJ333-T 3.3V/3.3V
1.8V/1.8V
1.3V/1.3V 1.2V 1.2V 1.2V 3.3V TQFN55-40 40
-40°C to +85°C
ACT8934AQJ458-T 3.3V/3.3V
1.8V/1.8V 1.25V/1.25V 1.2V 1.2V 1.2V 3.3V TQFN55-40 40
-40°C to +85°C
: All Active-Semi components are RoHS Compliant and with Pb-free plating otherwise specified.
: Standard product options are listed in this table. Contact factory for custom options. Minimum order quantity is 12,000 units.
: Refer to Push-Button Control section for the power control sequences of each part number.
: To select VSTBYx as the output regulation voltage for REGx, drive VSEL to logic high. VSTBYx can be set by software via I
2C interface.
ACTIVE
A33KY25
DATE CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com