Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8934A Datasheet(PDF) 43 Page - Active-Semi, Inc

Part # ACT8934A
Description  Advanced PMU for Samsung S3C2416/S3C2450
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8934A Datasheet(HTML) 43 Page - Active-Semi, Inc

Back Button ACT8934A Datasheet HTML 37Page - Active-Semi, Inc ACT8934A Datasheet HTML 38Page - Active-Semi, Inc ACT8934A Datasheet HTML 39Page - Active-Semi, Inc ACT8934A Datasheet HTML 40Page - Active-Semi, Inc ACT8934A Datasheet HTML 41Page - Active-Semi, Inc ACT8934A Datasheet HTML 42Page - Active-Semi, Inc ACT8934A Datasheet HTML 43Page - Active-Semi, Inc ACT8934A Datasheet HTML 44Page - Active-Semi, Inc ACT8934A Datasheet HTML 45Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
ACT8934A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 43 -
www.active-semi.com
pin) and sensing the voltage at TH. The voltage at
TH is continuously monitored, and charging is
suspended if the voltage at TH exceeds either of
the internal VTHH and VTHL thresholds of 0.5V and
2.51V, respectively.
The net resistance (from TH to GA) required to
cross the thresholds are given by:
102μA × RNOM × kHOT = 0.5V → RNOM × kHOT
≈ 5kΩ
102μA × RNOM × kCOLD = 2.51V → RNOM ×
kCOLD ≈ 25kΩ
where RNOM is the nominal thermistor resistance
at room temperature, and kHOT and kCOLD
represent the ratios of the thermistor's resistance at
the desired hot and cold thresholds, respectively, to
the resistance at 25°C.
Battery Temperature Interrupts
In order to ease detecting the status of the battery
temperature, the charger features the ability to
generate interrupts based upon the status of the
battery temperature. Set the TEMPOUT[ ] bit to 1
and TEMPSTAT[ ] bit to 1 to generate an interrupt
when battery temperature goes out of the valid
temperature range. Set the TEMPIN[ ] bit to 1 and
TEMPSTAT[ ] bit to 1 to generate an interrupt when
battery temperature returns to the valid range.
TEMPDAT[ ] indicates the status of the battery
temperature. A value of
1 indicates the battery
temperature is inside of the valid range, a value of 0
indicates the battery is outside of the valid range.
When an interrupt is generated by the battery
temperature event, reading the TEMPSTAT[ ]
returns a value of 1. TEMPSTAT[ ] is automatically
cleared to 0 upon reading. When no interrupt is
generated by the battery temperature event,
reading the TEMPSTAT[ ] returns a value of 0.
Figure 8:
Simple Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com