Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8934A Datasheet(PDF) 27 Page - Active-Semi, Inc

Part # ACT8934A
Description  Advanced PMU for Samsung S3C2416/S3C2450
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8934A Datasheet(HTML) 27 Page - Active-Semi, Inc

Back Button ACT8934A Datasheet HTML 23Page - Active-Semi, Inc ACT8934A Datasheet HTML 24Page - Active-Semi, Inc ACT8934A Datasheet HTML 25Page - Active-Semi, Inc ACT8934A Datasheet HTML 26Page - Active-Semi, Inc ACT8934A Datasheet HTML 27Page - Active-Semi, Inc ACT8934A Datasheet HTML 28Page - Active-Semi, Inc ACT8934A Datasheet HTML 29Page - Active-Semi, Inc ACT8934A Datasheet HTML 30Page - Active-Semi, Inc ACT8934A Datasheet HTML 31Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
ACT8934A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 27 -
www.active-semi.com
The ACT8934A is optimized for use in applications
using the S3C2416/S3C2450 processor, supporting
both the power domains as well as the signal
interface for these processors.
While the ACT8934A supports many possible
configurations for powering these processors, one
of the most common configurations is detailed in
this datasheet. In general, this document refers to
the ACT8934A pin names and functions. However,
in cases where the description of interconnections
between these devices benefits by doing so, both
the ACT8934A pin names and the Samsung
processor pin names are provided. When this is
done, the S3C2416/S3C2450 pin names are
located after the ACT8934A pin names, and are
italicized and located inside parentheses. For
example, PWREN (PWR_EN) refers to the logic
signal applied to the ACT8934A's PWREN input,
identifying
that
it
is
driven
from
the
S3C2416/S3C2450's PWR_EN output. Likewise,
OUT1 (VDD_IO) refers to ACT8934A's OUT1 pin,
identifying
that
it
is
connected
to
the
S3C2416/S3C2450's VDD_IO power domain.
SYSTEM CONTROL INFORMATION
Interfacing with the Samsung S3C2416/S3C2450
Table 3:
ACT8934A and Samsung S3C2416/S3C2450 Power Modes
Table 2:
ACT8934A and Samsung S3C2416/S3C2450 Power Domains
POWER DOMAIN
ACT8934A CHANNEL
TYPE
DEFAULT VOLTAGE
CURRENT CAPABILITY
VDD_IO
REG1
DC/DC
3.3V/3.3V
900mA
VDD_MEM
REG2
DC/DC
1.8V/1.8V
700mA
VDD_SRAM
VDDiarm
REG3
DC/DC
1.3V/1.3V
VDDi
VDDA_xPLL
REG4
LDO
1.2V
150mA
VDD_Alive
REG5
LDO
1.2V
150mA
VDDI_UDEV
REG6
LDO
1.2V
250mA
VDDA33x
REG7
LDO
3.3V
250mA
900mA
POWER
MODE
CONTROL STATE
POWER DOMAIN STATE
QUIESCENT
CURRENT
ALL ON
PWRHLD is asserted, PWREN is asserted,
REG6 and REG7 are enabled by I2C
REG1, REG2, REG3, REG4, REG5,
REG6 and REG7 are all on
420µA
NORMAL
PWRHLD is asserted, PWREN is asserted,
REG6 and REG7 are disabled by I2C
REG1, REG2, REG3, REG4 and
REG5 are on. REG6 and REG7 are off
350µA
SLEEP
PWRHLD is asserted, PWREN is de-asserted,
REG6 and REG7 are disabled by I2C
REG1, REG2 and REG5 are on. REG3,
REG4, REG6 and REG7 are off
250µA
ALL OFF
PWRHLD is de-asserted, PWREN is de-
asserted, REG6 and REG7 are disabled by I2C
REG1, REG2, REG3, REG4, REG5,
REG6 and REG7 are all off
<18µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com