Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD607 Datasheet(PDF) 5 Page - Analog Devices

Part # AD607
Description  Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607 Datasheet(HTML) 5 Page - Analog Devices

  AD607 Datasheet HTML 1Page - Analog Devices AD607 Datasheet HTML 2Page - Analog Devices AD607 Datasheet HTML 3Page - Analog Devices AD607 Datasheet HTML 4Page - Analog Devices AD607 Datasheet HTML 5Page - Analog Devices AD607 Datasheet HTML 6Page - Analog Devices AD607 Datasheet HTML 7Page - Analog Devices AD607 Datasheet HTML 8Page - Analog Devices AD607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
HP8656B
IEEE
RF_OUT
SYNTHESIZER
HP8656B
IEEE
RF_OUT
SYNTHESIZER
HP8656B
IEEE
RF_OUT
SYNTHESIZER
HP6633A
IEEE
VPOS
VNEG
SPOS
SNEG
DCPS
HP34401A
CPIB
HI
LO
I
DMM
DP8200
IEEE
VPOS
VNEG
SPOS
SNEG
VREF
HP8764B
0
0
1
1
S0
S1
V
50
Ω
50
Ω
MXOP
RFHI
LOIP
L
R
X
IFOP
IFHI
PLL
IOUT
QOUT
DMIP
FDIN
BIAS
VPOS
PRUP
GAIN
HP8764B
0
0
1
1
S0
S1
V
50
Ω
50
Ω
HP8594E
RF_IN
IEEE
SPEC AN
HP8765B
0
1
C
S0
S1
V
R5
1k
Ω
CHARACTERIZATION
BOARD
HP8765B
0
1C
S0
S1
V
P6205
X10
OUT
FET
PROBE
TEK1105
IN1
OUT1
IN2
OUT2
PROBE SUPPLY
Figure 1. Mixer/Amplifier Test Set
HP346B
28V
NOISE
NOISE SOURCE
HP8656B
IEEE
RF_OUT
SYNTHESIZER
MXOP
RFHI
LOIP
L
R
X
IFOP
IFHI
PLL
IOUT
QOUT
DMIP
FDIN
BIAS
VPOS
PRUP
GAIN
HP8765B
0
1
C
S0
S1 V
50
Ω
CHARACTERIZATION
BOARD
HP8765B
0
1C
S0
S1
V
HP8720C
IEEE_488
PORT_1
PORT_2
NETWORK AN
HP6633A
IEEE
VPOS
VNEG
SPOS
SNEG
DCPS
DP8200
IEEE
VPOS
VNEG
SPOS
SNEG
VREF
HP8970A
RF_IN
28V_OUT
NOISE FIGURE METER
Figure 2. Mixer Noise Figure Test Set
Typical Performance Characteristics–AD607
REV. 0
–5–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com