Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD607 Datasheet(PDF) 10 Page - Analog Devices

Part # AD607
Description  Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD607 Datasheet HTML 6Page - Analog Devices AD607 Datasheet HTML 7Page - Analog Devices AD607 Datasheet HTML 8Page - Analog Devices AD607 Datasheet HTML 9Page - Analog Devices AD607 Datasheet HTML 10Page - Analog Devices AD607 Datasheet HTML 11Page - Analog Devices AD607 Datasheet HTML 12Page - Analog Devices AD607 Datasheet HTML 13Page - Analog Devices AD607 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. 0
–10–
AD607
RF FREQUENCY – MHz
20
18
10
50
250
70
90
110
130
150
170
190
210
230
16
14
12
19
17
15
13
11
VPOS = 5V, IF = 20 MHz
VPOS = 3V, IF = 20 MHz
VPOS = 5V, IF = 10 MHz
VPOS = 3V, IF = 10 MHz
Figure 13. Mixer Noise Figure vs. Frequency
4500
3000
0
500
250
0
2500
2000
3500
4000
FREQUENCY – MHz
1500
1000
500
50
100
150
200
300
350
400
450
R SHUNT COMPONENT
C SHUNT COMPONENT
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Figure 14. Mixer Input Impedance vs. Frequency,
VPOS = 3 V, V GAIN = 0.8 V
30
20
–20
600
300
0
25
10
15
0
5
RADIO FREQUENCY – MHz
–5
–15
–10
50
100 150 200 250
350 400 450 500 550
VGAIN = 0.00V
VGAIN = 0.54V
VGAIN = 1.08V
VGAIN = 1.62V
VGAIN = 2.16V
Figure 15. Mixer Conversion Gain vs. Frequency,
T = +25
°C, VPOS = 2.7 V, VREF = 1.35 V, IF = 10.7 MHz
30
20
100
0.1
25
10
15
0
5
INTERMEDIATE FREQUENCY – MHz
–5
–10
110
VGAIN = 0.3V
VGAIN = 0.6V
VGAIN = 1.8V
VGAIN = 1.2V
VGAIN = 2.4V
Figure 16. Mixer Conversion Gain vs. IF, T = +25
°C,
VPOS = 3 V, VREF = 1.5 V
80
60
130
–50
70
40
50
20
30
TEMPERATURE –
°C
10
–20
70
0
–10
–30
–10
10 20 30 40 50 60
80 90 100 110 120
–40
–20
0
CUBIC FIT OF CONV_GAIN (TEMP)
CUBIC FIT OF IF_GAIN (TEMP)
IF AMP GAIN
MIXER CG
Figure 17. Mixer Conversion Gain and IF Amplifier Gain
vs. Temperature, VPOS = 3 V, VGAIN = 0.3 V, VREF = 1.5 V,
IF = 10.7 MHz, RF = 250 MHz
80
60
6
2.4
70
40
50
20
30
SUPPLY – Volts
10
4.8
2.8
3.2
3.6 3.8
4
4.2 4.4 4.6
5
5.2 5.4 5.6 5.8
2.6
3
3.4
CUBIC FIT OF CONV_GAIN (VPOS)
CUBIC FIT OF IF_GAIN (VPOS)
IF AMP GAIN
MIXER CG
Figure 18. Mixer Conversion Gain and IF Amplifier Gain
vs. Supply Voltage, T = +25
°C, VGAIN = 0.3 V, VREF = 1.5 V,
IF = 10.7 MHz, RF = 250 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com