Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD607 Datasheet(PDF) 8 Page - Analog Devices

Part # AD607
Description  Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD607 Datasheet HTML 4Page - Analog Devices AD607 Datasheet HTML 5Page - Analog Devices AD607 Datasheet HTML 6Page - Analog Devices AD607 Datasheet HTML 7Page - Analog Devices AD607 Datasheet HTML 8Page - Analog Devices AD607 Datasheet HTML 9Page - Analog Devices AD607 Datasheet HTML 10Page - Analog Devices AD607 Datasheet HTML 11Page - Analog Devices AD607 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. 0
–8–
AD607
MXOP
RFHI
LOIP
L
R
X
IFOP
IFHI
PLL
IOUT
QOUT
DMIP
FDIN
BIAS
VPOS
PRUP
GAIN
CHARACTERIZATION
BOARD
HP54120
CH1
CH2
CH3
CH4
TRIG
IEEE_488
P6205
X10
OUT
FET PROBE
1103
IN1
OUT1
IN2
OUT2
PROBE SUPPLY
HP6633A
IEEE
VPOS
VNEG
SPOS
SNEG
DCPS
FL6082A
RF_OUT
IEEE
P6205
X10
OUT
FET PROBE
MOD_OUT
50
Ω
DIGITAL
OSCILLOSCOPE
NOTE: MUST BE 3 RESISTOR POWER DIVIDER
DP8200
IEEE
VPOS
VNEG
SPOS
SNEG
VREF
HP8112
PULSE_OUT
IEEE
PULSE GENERATOR
Figure 8. Power-Up Test Set
MXOP
RFHI
LOIP
L
R
X
IFOP
IFHI
PLL
IOUT
QOUT
DMIP
FDIN
BIAS
VPOS
PRUP
GAIN
CHARACTERIZATION
BOARD
HP8594E
RF_IN
IEEE
SPEC AN
P6205
X10
OUT
FET PROBE
1103
IN1
OUT1
IN2
OUT2
PROBE SUPPLY
HP6633A
IEEE
VPOS
VNEG
SPOS
SNEG
DCPS
HP8656B
RF_OUT
IEEE
SYNTHESIZER
R1
1k
Figure 9. IF Output Impedance Test Set
MXOP
RFHI
LOIP
L
R
X
IFOP
IFHI
PLL
IOUT
QOUT
DMIP
FDIN
BIAS
VPOS
PRUP
GAIN
HP6633A
IEEE
VPOS
VNEG
SPOS
SNEG
DCPS
DP8200
IEEE
VPOS
VNEG
SPOS
SNEG
VREF
P6205
X10
FET PROBE
P6205
X10
FET PROBE
OUT
OUT
1103
OUT1
OUT2
PROBE SUPPLY
HP54120
CH1
DIGITAL
OSCILLOSCOPE
CH2
CH3
CH4
TRIG
IEEE_488
IN1
IN2
FL6082A
IEEE
RF_OUT
MOD_OUT
CHARACTERIZATION
BOARD
20
dB
Figure 10. PLL Settling Time Test Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com