Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD607 Datasheet(PDF) 11 Page - Analog Devices

Part # AD607
Description  Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD607 Datasheet HTML 7Page - Analog Devices AD607 Datasheet HTML 8Page - Analog Devices AD607 Datasheet HTML 9Page - Analog Devices AD607 Datasheet HTML 10Page - Analog Devices AD607 Datasheet HTML 11Page - Analog Devices AD607 Datasheet HTML 12Page - Analog Devices AD607 Datasheet HTML 13Page - Analog Devices AD607 Datasheet HTML 14Page - Analog Devices AD607 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD607
REV. 0
–11–
70
50
100
0.1
60
30
40
10
20
INTERMEDIATE FREQUENCY – MHz
0
–10
110
VGAIN = 0.3V
VGAIN = 0.6V
VGAIN = 1.8V
VGAIN = 1.2V
VGAIN = 2.4V
80
Figure 19. IF Amplifier Gain vs. Frequency,
T = +25
°C, VPOS = 3 V, VREF = 1.5 V
8
4
3
0
6
0
2
–4
–2
GAIN VOLTAGE – Volts
–6
–10
12
10
–8
0.2 0.4 0.6 0.8
1.2 1.4 1.6 1.8
2.2 2.4 2.6 2.8
IF AMP
MIXER
Figure 20. AD607 Gain Error vs. Gain Control Voltage,
Representative Part
996.200 µs
1.00870 ms
1.02120 ms
Timebase = 2.5 µs/div
Delay = 1.00870 ms
Memory 1 = 100.0 mVolts/div
Offset = 127.3 mVolts
Timebase = 2.50 µs/div
Delay = 1.00870 ms
Memory 2 = 20.00 mVolts/div
Offset = 155.2 mVolts
Timebase = 2.50 µs/div
Delay = 1.00870 ms
Delta T
= 16.5199 µs
Start
= 1.00048 ms
Stop
= 1.01700 ms
Trigger on External at Pos. Edge at 134.0 mVolts
Figure 21. PLL Acquisition Time
1.00E+07
1.00E+02
–110.00
–100.00
–130.00
–120.00
CARRIER FREQUENCY OFFSET, f(fm) – Hz
–140.00
–150.00
1.00E+03
1.00E+05
–90.00
1.00E+04
1.00E+06
Figure 22. PLL Phase Noise L (F) vs. Frequency,
VPOS = 3 V, C3 = 0.1
µF, IF = 10.7 MHz
100
0.1
2
PLL FREQUENCY – MHz
1.5
110
2.5
Figure 23. PLL Loop Voltage at FLTR (KVCO) vs. Frequency
8
5
94
85
7
3
4
1
2
QUADRATURE ANGLE – Degrees
0
91
86
87
88
89
90
92
93
6
95
Figure 24. Demodulator Quadrature Angle, Histogram,
T = +25
°C, VPOS = 3 V, IF = 10.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com