Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD607 Datasheet(PDF) 19 Page - Analog Devices

Part # AD607
Description  Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD607 Datasheet HTML 15Page - Analog Devices AD607 Datasheet HTML 16Page - Analog Devices AD607 Datasheet HTML 17Page - Analog Devices AD607 Datasheet HTML 18Page - Analog Devices AD607 Datasheet HTML 19Page - Analog Devices AD607 Datasheet HTML 20Page - Analog Devices AD607 Datasheet HTML 21Page - Analog Devices AD607 Datasheet HTML 22Page - Analog Devices AD607 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD607
REV. 0
–19–
of current exactly balances the 4.5
µA discharge current. (It
makes no difference what the actual value of VG is at that point,
since the AGC filter is an integrator.)
Thus, at 20 mV/dB
V
RIPPLE =
IT
C
=
4.5
µA × 93 ns
1 nF
= 0.42 mV
This corresponds to 0.021 dB, and the ripple will modulate the
gain by that amount over each cycle. The effect of such modula-
tion on the signal is hard to quantify, but it roughly translates to
a 2% amplitude modulation. Also, the gain ripple depends on
the scale factor. For this example, at GREF = 1.23 V and a
16.4 mV/dB scale factor, the gain ripple increases to 0.025 dB.
AGC Charge Time
When the gain is too high, the IF amplifier will be overdriven to
produce a square wave output (roughly) of
±560 mV. If per-
fectly square and time- and amplitude-symmetric, this would be
sliced at the 300 mV level to generate a current of 76
µA/2, or
38
µA. After subtracting the 4.5 µA, we should have about 33 µA.
In fact, the maximum ramp-up current is about 20
µA, because
the waveform is not a crisp square wave (and as the loop ap-
proaches equilibrium it is more nearly sinusoidal). Thus, the
ramp-up rate is 20/4.5 = 4.4 times faster than the discharge rate.
In our example, a 1.6 V change will require about 1.5 ms using
C = 1 nF.
Applications Hints
Do not place a resistor from Pin 12 to Ground: The resistor
converts the integrator—ideal for AGC—into a low-pass filter.
An integrator needs no input to sustain a given output; a low-
pass filter does. This “input” is an INCREASED AMPLITUDE
required at IFOP. The AGC loop thus does not level the output
at IFOP.
Reasons for Using a Larger AGC Capacitor
1. In applications where gain modulation may be troublesome,
raise the capacitor from 1 nF to 2.7 nF; the 80 dB slew time
(at 20 mV/dB) is now close to 1 ms.
2. As the IF is lowered, the capacitor must be increased accord-
ingly if gain ripple is to be avoided. Thus, to achieve the
same ripple at 455 kHz requires the 1 nF capacitor to be in-
creased to 0.022
µF.
3. In AM applications, the AGC loop must not track the modu-
lation envelope. The objective should be that the gain should
not vary by more than the amount required to introduce, say,
1% THD distortion at the lowest modulation frequency, say,
300 Hz. Note that in AM applications it is the modulation
bandwidth that determines the required AGC filter capaci-
tor, not the IF.
4. In some applications, even slower AGC may be desired than
that required to prevent modulation tracking.
AD607 EVALUATION BOARD
The AD607 evaluation board (Figures 46 and 47) consists of an
AD607, ground plane, I/O connectors, and a 10.7 MHz band-
pass filter. The RF and LO ports are terminated in 50
Ω to
provide a broadband match to external signal generators to al-
low a choice of RF and LO input frequencies. The IF filter is at
10.7 MHz and has 330
Ω input and output terminations; the
board is laid out to allow the user to substitute other filters for
other IFs.
Figure 46. Evaluation Board
FDIN
COM1
PRUP
LOIP
RFLO
RFHI
GREF
MXOP
VMID
IFHI
VPS1
FLTR
IOUT
QOUT
VPS2
DMIP
IFOP
COM2
GAIN
IFLO
AD607
C12
0.1µF
R9
0
C5
1nF
C6
0.1µF
C8
0.1µF
RSSI
IF
Q
I
C1
0.1µF
C3 10nF
R1
1k
Ω
C2 0.1µF
C4
47pF
R2
316
Ω
C15
0.1µF
JUMPER
JUMPER
C16
1nF
R10
4.99k
Ω
R11
OPEN
C11
10nF
R8
51.1
Ω
C13 0
C14 0
R7
51.1
Ω
R6
51.1
Ω
C10
1nF
C9
1nF
R5
332
Ω
R3
332
Ω
R4
0
C7
1nF
VPOS
GND
FDIN
PRUP
LO
RF
R13
50k
Ω
R15
50k
Ω
VPOS
FDIN
R12
OPEN
VMID
C17
10nF
C18
SHORT
R14
51.1
Ω
FDIN
MOD FOR LARGE MAGNITUDE
AC COUPLED INPUT
AD607 EVALUATION BOARD
(AS RECEIVED)
R18
OPEN
R17
OPEN
VPOS
FDIN
R16
OPEN
VMID
C20
SHORT
C19
ANYTHING
R19
RSOURCE
FDIN
MOD FOR DC COUPLED INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com