Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD607 Datasheet(PDF) 9 Page - Analog Devices

Part # AD607
Description  Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD607 Datasheet HTML 5Page - Analog Devices AD607 Datasheet HTML 6Page - Analog Devices AD607 Datasheet HTML 7Page - Analog Devices AD607 Datasheet HTML 8Page - Analog Devices AD607 Datasheet HTML 9Page - Analog Devices AD607 Datasheet HTML 10Page - Analog Devices AD607 Datasheet HTML 11Page - Analog Devices AD607 Datasheet HTML 12Page - Analog Devices AD607 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD607
REV. 0
–9–
MXOP
RFHI
LOIP
L
R
X
IFOP
IFHI
PLL
IOUT
QOUT
DMIP
FDIN
BIAS
VPOS
PRUP
GAIN
CHARACTERIZATION
BOARD
HP6633A
IEEE
VPOS
VNEG
SPOS
SNEG
DCPS
DP8200
IEEE
VPOS
VNEG
SPOS
SNEG
VREF
HP3326
IEEE
OUTPUT_1
OUTPUT_2
DUAL SYNTHESIZER
DCFM
HP3325B
IEEE
RF_OUT
SYNTHESIZER
P6205
X10
FET PROBE
P6205
X10
FET PROBE
OUT
OUT
1103
OUT1
OUT2
PROBE SUPPLY
HP8765B
0
1C
S0
S1
V
HP8694E
RF_IN
IEEE
SPEC AN
IN1
IN2
Figure 11. Quadrature Accuracy Test Set
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
AD607
FDIN
QOUT
IOUT
FLTR
VPS1
COM1
PRUP
LOIP
IFOP
DMIP
VPS2
RFLO
RFHI
GREF
MXOP
VMID
IFHI
IFLO
GAIN
COM2
0.1µF
C13
C15
0.1µF
IOUT
*
QOUT
*
IFOP
*
GAIN
*
DMIP
*
0.1µF
C1
C3
10nF
R1
1k
R2
316
C6
0.1µF
C8
0.1µF
C5
1nF
4.99k
R10
R8
51.1
C11
10nF
R7
51.1
C10
1nF
R6
51.1
C9
1nF
R14
54.9
R13
301
332
R5
0.1µF
VPOS
GND
FDIN
PRUP
LOIP
RFHI
MXOP
*
IFHI
0
R12
C16
1nF
51.1
R9
C7
1nF
0.1µF
C2
NOTE: CONNECTIONS MARKED * ARE DC COUPLED.
Figure 12. AD607 Characterization Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com