Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630-FSZ Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS1630-FSZ
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZ Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS1630-FSZ Datasheet HTML 32Page - Cirrus Logic CS1630-FSZ Datasheet HTML 33Page - Cirrus Logic CS1630-FSZ Datasheet HTML 34Page - Cirrus Logic CS1630-FSZ Datasheet HTML 35Page - Cirrus Logic CS1630-FSZ Datasheet HTML 36Page - Cirrus Logic CS1630-FSZ Datasheet HTML 37Page - Cirrus Logic CS1630-FSZ Datasheet HTML 38Page - Cirrus Logic CS1630-FSZ Datasheet HTML 39Page - Cirrus Logic CS1630-FSZ Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
CS1630/31
36
DS954F2
6.17 Configuration 12 (Config12) Address 44
6.18 PU Coefficient (PID) Address 45
PID sets the maximum coefficient for the second stage PU integrator. The register value is an unsigned integer
in the range of 0
value255.
6.19 Maximum Switching Frequency (TTFREQ) Address 46
TTFREQ sets the minimum switching period (maximum switching frequency) for the second stage TT (see
"Maximum TT (TTMAX) – Address 38" on page 33). The register value is an unsigned integer in the range of
0
value255. The minimum TTFREQ switching period is determined by:
The switching period for TT can be configured from 0ns to 51
s.
7
654
32
10
TIMEOUT1
TIMEOUT0
S2CONFIG
DITATT1
DITATT0
-
-
-
Number
Name
Description
[7:6]
TIMEOUT[1:0]
Sets the T2 time-out limit to ensure a minimum switching frequency for each
channel.
00 = 45ms
01 = 70.6ms
10 = 96.2ms
11 = 121.8ms
[5]
S2CONFIG
Configures second stage for flyback or buck/tapped buck.
0 = Enables second stage for buck/tapped buck topology
1 = Enables second stage for flyback topology
[4:3]
DITATT[1:0]
Configures the dither attenuation by right shifting the dither value on a selected
channel for dithering reduction. The nominal dither level (set using bits DIT-
LEVEL[1:0]) is attenuated by the amount configured by bits DITATT[1:0] on the
channel set using bit DITCHAN.
00 = No attenuation
01 = 50% attenuation
10 = 25% attenuation
11 = 12.5% attenuation
[2:0]
-
Reserved
7
654
32
10
27
26
25
24
23
22
21
20
7
654
32
10
27
26
25
24
23
22
21
20
TTFREQ[7:0] 4 50ns




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com