Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630-FSZ Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS1630-FSZ
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZ Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS1630-FSZ Datasheet HTML 43Page - Cirrus Logic CS1630-FSZ Datasheet HTML 44Page - Cirrus Logic CS1630-FSZ Datasheet HTML 45Page - Cirrus Logic CS1630-FSZ Datasheet HTML 46Page - Cirrus Logic CS1630-FSZ Datasheet HTML 47Page - Cirrus Logic CS1630-FSZ Datasheet HTML 48Page - Cirrus Logic CS1630-FSZ Datasheet HTML 49Page - Cirrus Logic CS1630-FSZ Datasheet HTML 50Page - Cirrus Logic CS1630-FSZ Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
CS1630/31
DS954F2
47
6.37 Configuration 55 (Config55) Address 87
6.38 PLC Dim (PLC_DIM) Address 89
PLC_DIM sets the second stage dim level while in PLC mode (see "Calibration Mode Operation Code" on
page 22) and Leading-edge Mode. The register value is an unsigned integer in the range of 0
value255. The
dim value prevents flashing when a command is sent to the device. If PLC_DIM = 0x00 then 0x7F is used which
is equivalent to a 50% dim value. The 12-bit PLC dim value is given by:
7
654
32
10
-
-
EOTP_FLP2
EOTP_FLP1
EOTP_FLP0
EOTP_SLP2
EOTP_SLP1
EOTP_SLP0
Number
Name
Description
[7:6]
-
Reserved
[5:3]
EOTP_FLP[2:0]
Sets time constant of the faster low pass filter used for filtering the coarse 8-bit
ADCR temperature measurements. This filter's output is used for external
overtemperature fault detection by quickly detecting if the external NTC tem-
perature has exceeded the temperature set point TempShutdown. Its output is
also used by the Color Control System for controlling the color gain with tem-
perature for the temperature-dependent channel.
000 = No filter
001 = 233ms
010 = 466ms
011 = 933ms
100 = 1.866s
101 = 3.733s
110 = Reserved
111 = Reserved
[2:0]
EOTP_SLP[2:0]
Time constant of the slower low pass filter used for filtering the coarse ADCR
temperature measurements. It's output is used for the external overtempera-
ture protection (eOTP) dim with temperature feature which decreases the sec-
ond stage dim level once the temperature measured using the external NTC
connected to pin eOTP exceeds the temperature threshold set using eOTP,
TempeOTP (see “Configuration 59 (Config59) – Address 91” on page 48).
000 = 3.75s
001 = 7.5s
010 = 10s
011 = 15s
100 = 20s
101 = 30s
110 = 1min
111 = 2min
7
654
32
10
27
26
25
24
23
22
21
20
PLC_DIM
16
 15
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com